Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2TRPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT6703HDC-2TRPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2TRPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6703HDC-2TRPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 10Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 11Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 12Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 13Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
12
670323fd
DC Package
3-Lead Plastic DFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1717 Rev A)
2.00 0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (W-TBD)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
BOTTOM VIEW—EXPOSED PAD
1.00
0.05
(2 SIDES)
1.35
0.05
(2 SIDES)
0.75 0.05
0.40 0.10
0.70 0.05
1
3
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC3) DFN 0309 REV A
0.25
0.05
R = 0.05
TYP
R = 0.125 TYP
0.50 BSC
0.25
0.05
1.35 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.00 0.05
(2 SIDES)
1.30 0.05
2.00 0.05
PACKAGE
OUTLINE
0.50 BSC
PIN 1 NOTCH
R = 0.20 OR
0.25
45
CHAMFER
PACKAGE DESCRIPTION


Similar Part No. - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2-TRMPBF LINER-LT6703HDC-2-TRMPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2-TRPBF LINER-LT6703HDC-2-TRPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com