Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6703HDC-2TRPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6703HDC-2TRPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 10Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 11Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 12Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 13Page - Linear Technology LT6703HDC-2TRPBF Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
10
670323fd
The LT6703-2/LT6703-3/LT6703HV-2/LT6703HV-3 devices
are micropower comparators with a built-in 400mV refer-
ence. Features include wide supply voltage range (1.4V to
18V), Over-The-Top input and output range, 2% accurate
rising input threshold voltage and 6.5mV typical built-in
hysteresis.
TYPICAL PERFORMANCE CHARACTERISTICS
Internal Reference
Each comparator has one input available externally. The two
versions of the part differ by the polarity of the available
input (i.e., inverting or noninverting). The other comparator
input is connected internally to the 400mV reference. The
rising input threshold voltage of the comparator is designed
to be equal to that of the reference (i.e., ≈400mV). The
reference voltage is established with respect to the device
GND connection.
Hysteresis
Each comparator has built-in 6.5mV (typical) of hysteresis
to simplify designs, to insure stable operation in the pres-
ence of noise at the inputs, and to reject supply rail noise
that might be induced by state change load transients. The
hysteresis is designed such that the falling input threshold
voltage is nominally 393.5mV. External positive feedback
circuitry can be employed to increase effective hysteresis
if desired, but such circuitry will provide an apparent effect
on both the rising and falling input thresholds (the actual
internal thresholds remain unaffected).
Figure 1. Additional Hysteresis Circuit
APPLICATIONS INFORMATION
Propagation Delay
vs Input Overdrive
Rise and Fall Times
vs Output Pull-Up Resistor
Noninverting and Inverting
Comparator Propagation Delay
INPUT OVERDRIVE (mV)
0
30
40
50
60
80
670323 G25
20
10
0
20
40
60
100
LH NONINV
HL NONINV
LH INV
HL INV
TA = 25°C
OUTPUT PULL-UP RESISTOR (kΩ)
0.1
0.01
1
100
1
10
100
1000
670323 G26
0.1
10
VS = 5V
CL = 20pF
TA = 25°C
RISE
FALL
670323 G27
VS = 5V
TA = 25°C
RLOAD = 10k CONNECTED TO VS
VIN(OVERDRIVE) = 10mV OVER THE INPUT
VOLTAGE THRESHOLDS
VO(NINV)
5V/DIV
DC
VO(INV)
5V/DIV
DC
VIN
10mV/DIV
AC
20μs/DIV
THRESHOLD EQUATIONS:
670323 F01
R4
OUT
+IN
GND
VS
LT6703-3
R3
R2
R1
VIN
VOUT
VIN (L TO H) = (400mV) • (R1) •
+
+
1
R1
1
R2
1
R3
VIN (H TO L) = (393mV) • (R1) •
+
+
1
R1
1
R2
1
R3 + R4
VS • R1
R3 + R4


Similar Part No. - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2-TRMPBF LINER-LT6703HDC-2-TRMPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2-TRPBF LINER-LT6703HDC-2-TRPBF Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com