Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AGR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6118C08AGR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AGR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6118C08AGR-G Datasheet HTML 1Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 2Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 3Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 4Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 5Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 6Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 7Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
XC6118 Series
●XC6118xxxA/B
●XC6118xxxC/D
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~7.0
V
Output Current
IOUT
10
mA
XC6118C
(*1)
VSS-0.3~VIN+0.3
Output Voltage
XC6118N
(*2)
VOUT
VSS-0.3~7.0
V
Sense Pin Voltage
VSEN
VSS-0.3~7.0
V
Delay Capacitance Pin Voltage
VCD
VSS-0.3~VIN+0.3
V
Delay Capacitance Pin Current
ICD
5.0
mA
USP-4
120
Power Dissipation
SOT-25
Pd
250
mW
Operating Temperature Range
Ta
-40~+85
oC
Storage Temperature Range
Tstg
-55~+125
oC
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~7.0
V
Output Current
IOUT
10
mA
XC6118C
(*1)
VSS-0.3~VIN+0.3
Output Voltage
XC6118N
(*2)
VOUT
VSS-0.3~7.0
V
Sense Pin Voltage
VSEN
VSS-0.3~7.0
V
USP-4
120
Power Dissipation
SOT-25
Pd
250
mW
Operating Temperature Range
Ta
-40~+85
oC
Storage Temperature Range
Tstg
-55~+125
oC
■ABSOLUTE MAXIMUM RATINGS
NOTE:
*1: CMOS output
*2: N-ch open drain output
Ta=25℃
Ta=25℃


Similar Part No. - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com