Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AGR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6118C08AGR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AGR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6118C08AGR-G Datasheet HTML 1Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 2Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 3Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 4Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 5Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 6Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 7Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XC6118 Series
PIN NUMBER
USP-4
SOT-25
PIN NAME
FUNCTION
1
1
VOUT
Output (Detect ”L”)
2
5
Cd
Delay Capacitance
(*1)
2
-
NC
No Connection
3
4
VSEN
Sense
4
3
VIN
Input
5
2
VSS
Ground
(*2)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
CMOS output
Output Configuration
N
N-ch open drain output
②③
Detect Voltage
08~50
e.g. 18 → 1.8V
A
Built-in delay capacitance pin, hysteresis 5% (TYP.)(Standard*)
B
Built-in delay capacitance pin, hysteresis less than 1%(Standard*)
C
No
built-in
delay
capacitance
pin,
hysteresis
5%
(TYP.)
(Semi-custom)
Options
D
No built-in delay capacitance pin, hysteresis less than 1%
(Semi-custom)
GR-G
USP-4 (Halogen & Antimony free)
⑤⑥-⑦
Packages
Taping Type
(*2)
MR-G
SOT-25 (Halogen & Antimony free)
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC6118①②③④⑤⑥-⑦
(*1)
3
VSEN
4
VIN
Cd/NC
2
VOUT
1
USP-4
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
NOTE:
*1: With the VSS pin of the USP-4 package, a tab on the backside is used as the pin No.5.
*2: In the case of selecting no built-in delay capacitance pin type, the delay capacitance (Cd) pin will
be used as the NC.
* In the XC6118xxxA/B series, the dissipation pad
should not be short-circuited with other pins.
* In the XC6118xxxC/D series, when the dissipation
pad is short-circuited with other pins, connect it to
the NC pin (No.2) pin before use.
5
VSS
*When delay function isn’t used, open the delay capacitance pin before use.
(*1)
The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com