Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AGR-G Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6118C08AGR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AGR-G Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6118C08AGR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 15Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 16Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 17Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 18Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 19Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16/20
XC6118 Series
(10) Delay Resistance vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Release Delay Time vs. Delay Capacitance
(12) Detect Delay Time vs. Delay Capacitance
(13) Leakage Current vs. Ambient Temperature
(14) Leakage Current vs. Supply Voltage
XC6118C25Ax
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Delay Capacitor: Cd (
μF)
Ta=25
VIN=6.0V
4.0V
3.0V
2.0V
1.0V
XC6118N25Ax
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VIN=VSEN=6.0V VOUT=6.0V
XC6118N25Ax
0.10
0.15
0.20
0.25
01
23
4
5
6
Output Voltage: VOUT (V)
VIN=VSEN=6.0V
XC6118C25Ax
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VSEN=6.0V VCD=0.0V VIN=5.0V
XC6118C25Ax
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Delay Capacitor: Cd (
μF)
Ta=25
tDR=Cd×2.0×10
6×0.69
VIN=1.0V
3.0V
6.0V


Similar Part No. - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com