Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AGR-G Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6118C08AGR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AGR-G Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6118C08AGR-G Datasheet HTML 9Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 10Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 11Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 15Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 16Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
XC6118
Series
VSEN
Cd
VSS
VIN
VOUT
VSEN
VIN
Cd
R=100kΩ
VOUT
(No resistor needed for
CMOS output products)
■NOTES ON USE
Figure 3: Circuit example with the delay capacitance pin (Cd)
connected to a Schottky barrier diode
NOTE:ROFF=VOUT/ILEAK
Figure 4: Circuit example of XC6118N Series
1. Use this IC within the stated maximum ratings.
Operation beyond these limits may cause degrading or permanent damage
to the device.
2. The power supply input pin voltage drops by the resistance between power supply and the VIN pin, and by through current at
operation of the IC.
At this time, the operation may be wrong if the power supply input pin voltage falls below the minimum
operating voltage range.
In CMOS output, for output current, drops in the power supply input pin voltage similarly occur.
Moreover, in CMOS output, when the VIN pin and the sense pin are short-circuited and used, oscillation of the circuit may
occur if the drops in voltage, which caused by through current at operation of the IC, exceed the hysteresis voltage.
Note it
especially when you use the IC with the VIN pin connected to a resistor.
3. When the setting voltage is less than 1.0V, be sure to separate the VIN pin and the sense pin, and to apply the voltage over
1.0V to the VIN pin.
4. Note that a rapid and high fluctuation of the power supply input pin voltage may cause a wrong operation.
5. Power supply noise may cause operational function errors, Care must be taken to put the capacitor between VIN-GND and
test on the board carefully.
6. When there is a possibility of which the power supply input pin voltage falls rapidly (e.g.: 6.0V to 0V) at release operation
with the delay capacitance pin (Cd) connected to a capacitor, use a Schottky barrier diode connected between the VIN pin
and the Cd pin as the Figure 3 shown below.
7. In N channel open drain output, VOUT voltage at detect and release is determined by resistance of a pull up resistor
connected at the VOUT pin. Please choose proper resistance values with refer to Figure 4;
During detection: VOUT = VPULL / (1+RPULL / RON)
VPULL: Pull up voltage
RON(※1):On resistance of N channel driver M3 can be calculated as VDS / IOUT1 from electrical characteristics,
For example, when (※2) RON = 0.5 / 0.8×10
-3 = 625Ω(MIN.)at V
IN=2.0V, VPULL = 3.0V and VOUT
≦0.1V at detect,
RPULL= (VPULL /VOUT-1)×RON= (3 / 0.1-1)×625≒18kΩ
In this case, RPULL should be selected higher or equal to 18kΩ in order to keep the output voltage less than 0.1V during
detection.
(※1) RON is bigger when VIN is smaller, be noted.
(※2) For calculation, Minimum VIN should be chosen among the input voltage range.
During releasing:VOUT = VPULL / (1 + RPULL / ROFF)
VPULL:Pull up voltage
ROFF:On resistance of N channel driver M3 is 15MΩ(MIN.) when the driver is off
(as to VOUT / ILEAK)
For example:when VPULL = 6.0V and VOUT ≧ 5.99V,
RPULL = (VPULL / VOUT-1)×ROFF = (6/5.99-1)×15×10
6 ≒25 kΩ
In this case, RPULL should be selected smaller or equal to 25 kΩ in order to obtain output voltage higher than 5.99V during
releasing.


Similar Part No. - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com