Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AGR-G Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6118C08AGR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AGR-G Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6118C08AGR-G Datasheet HTML 8Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 9Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 10Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 11Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 15Page - Torex Semiconductor XC6118C08AGR-G Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12/20
XC6118 Series
When the sense pin voltage continues to increase up to the release voltage level (VDF+VHYS), the N-ch transistor (M1) for
the delay capacitance (Cd) discharge will be turned OFF, and the delay capacitance (Cd) will start discharging via a delay
resistor (Rdelay).
The inverter (Inv.1) will operate as a comparator (Rise Logic Threshold: VTLH=VTCD, Fall Logic
Threshold: VTHL=VSS) while the sense pin voltage keeps higher than the detect voltage (VSEN > VDF).
While the delay capacitance pin voltage (VCD) rises to reach the delay capacitance pin threshold voltage (VTCD) with the
sense pin voltage equal to the release voltage or higher, the sense pin will be charged by the time constant of the RC series
circuit.
Assuming the time to the release delay time (t
DR), it can be given by the formula (1).
tDR=-Rdelay×Cd×ln(1-VTCD/VIN) …(1)
The release delay time can also be briefly calculated with the formula (2) because the delay resistance is 2.0MΩ(TYP.) and
the delay capacitance pin voltage is VIN /2 (TYP.)
tDR=Rdelay×Cd×0.69 …(2)
*:Rdelay is 2.0MΩ(TYP.)
As an example, presuming that the delay capacitance is 0.68μF, t
DR is :
2.0×10
6×0.68×10-6×0.69=938(ms)
* Note that the release delay time may remarkably be short when the delay capacitance (Cd) is not discharged to the ground
(=VSS) level because time described in ③ is short.
When the delay capacitance pin voltage reaches to the delay capacitance pin threshold voltage (VCD=VTCD), the inverter
(Inv.1) will be inverted.
As a result, the output voltage changes into the “High” (=VIN) level.
t
DR0 is defined as time which
ranges from VSEN=VDF+VHYS to the VOUT of “High” level without connecting to the Cd.
While the sense voltage is higher than the detect voltage (VSEN > VDF), the delay capacitance pin is charged until the delay
capacitance pin voltage becomes the input voltage level.
Therefore, the output voltage maintains the “High”(=VIN) level.
●Function Chart
TRANSITION OF VOUT CONDITION *1
VSEN
Cd
L
H
L
L
L
H
H
L
L
L
H
L
L
H
H
H
H
●Release Delay Time Chart
DELAY
CAPACITANCE [Cd]
(μF)
RELEASE DELAY TIME [tDR]
(TYP.)
(ms)
RELEASE DELAY TIME [tDR] *2
(MIN. ~ MAX.)
(ms)
0.010
13.8
11.0 ~ 16.6
0.022
30.4
24.3 ~ 36.4
0.047
64.9
51.9 ~ 77.8
0.100
138
110 ~ 166
0.220
304
243 ~ 364
0.470
649
519 ~ 778
1.000
1380
1100 ~ 1660
*1: VOUT transits from condition ① to ② because of the combination of VSEN and Cd.
●Example
ex. 1) VOUT ranges from ‘L’ to ‘H’ in case of VSEN = ‘H’ (VDR≧VSEN), Cd=’H’ (VTCD≧Cd) while VOUT is ‘L’.
ex. 2) VOUT maintains ‘H’ when Cd ranges from ‘H’ to ‘L’, VSEN=’H’ and Cd=’L’ when VOUT becomes ‘H’ in ex.1.
■OPERATIONAL EXPLANATION (Continued)
* The release delay time values above are calculated by using the formula (2).
*2: The release delay time (tDR) is influenced by the delay capacitance Cd.


Similar Part No. - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com