Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1248IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1248IPWR
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1248IPWR Datasheet(HTML) 3 Page - Texas Instruments

  ADS1248IPWR Datasheet HTML 1Page - Texas Instruments ADS1248IPWR Datasheet HTML 2Page - Texas Instruments ADS1248IPWR Datasheet HTML 3Page - Texas Instruments ADS1248IPWR Datasheet HTML 4Page - Texas Instruments ADS1248IPWR Datasheet HTML 5Page - Texas Instruments ADS1248IPWR Datasheet HTML 6Page - Texas Instruments ADS1248IPWR Datasheet HTML 7Page - Texas Instruments ADS1248IPWR Datasheet HTML 8Page - Texas Instruments ADS1248IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ELECTRICAL CHARACTERISTICS
(V )(Gain)
IN
2
AVSS
0.1V
+
+
AVDD
0.1V
-
-
(V )(Gain)
IN
2
ADS1246
ADS1247
ADS1248
www.ti.com .................................................................................................................................................. SBAS426C – AUGUST 2008 – REVISED AUGUST 2009
Minimum/maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications at
AVDD = +5V, DVDD = +3.3V, AVSS = 0V, VREF = +2.048V, and oscillator frequency = 4.096MHz, unless otherwise noted.
ADS1246, ADS1247, ADS1248
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
±VREF/PGA
V
(VIN = ADCINP – ADCINN)
Common-mode input range
V
Differential input current
100
pA
PGA gain settings
1, 2, 4, 8, 16, 32, 64, 128
Burnout current source
0.5, 2, or 10
µA
Bias voltage
(AVDD + AVSS)/2
V
Bias voltage output impedance
400
SYSTEM PERFORMANCE
Resolution
No missing codes
24
Bits
Data rate
5, 10, 20, 40, 80, 160, 320, 640, 1000, 2000
SPS
Integral nonlinearity (INL)
Differential input, end point fit, PGA = 1
6
15
ppm
Offset error
After calibration
–15
15
µV
Offset drift
See Figure 8 to Figure 11
nV/°C
T = +25°C, all PGAs,
Gain error
–0.02
±0.005
0.02
%
data rate = 40, 80, or 160SPS
Gain drift
See Figure 12 to Figure 15
ppm/°C
ADC conversion time
Single-cycle settling
Noise
See Table 5 to Table 8
Normal-mode rejection
See Table 12
At dc, PGA = 1
80
90
dB
Common-mode rejection
At dc, PGA = 32
90
125
dB
Power-supply rejection
AVDD, DVDD at dc
100
135
dB
VOLTAGE REFERENCE INPUT
Voltage reference input
0.5
(AVDD – AVSS) – 1
V
(VREF = VREFP – VREFN)
Negative reference input (REFN)
AVSS – 0.1
REFP – 0.5
V
Positive reference input (REFP)
REFN + 0.5
AVDD + 0.1
V
Reference input current
30
nA
ON-CHIP VOLTAGE REFERENCE
Output voltage
2.038
2.048
2.058
V
Output current(1)
±10
mA
Load regulation
50
µV/mA
TA = +25°C to +105°C
2
10
ppm/°C
Drift(2)
TA = –40°C to +105°C
6
15
ppm/°C
Startup time
See Table 13
µs
(1)
Do not exceed this loading on the internal voltage reference.
(2)
Specified by the combination of design and final production test.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1246 ADS1247 ADS1248


Similar Part No. - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI1-ADS1248IPWR Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com