Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1248IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1248IPWR
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1248IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1248IPWR Datasheet HTML 6Page - Texas Instruments ADS1248IPWR Datasheet HTML 7Page - Texas Instruments ADS1248IPWR Datasheet HTML 8Page - Texas Instruments ADS1248IPWR Datasheet HTML 9Page - Texas Instruments ADS1248IPWR Datasheet HTML 10Page - Texas Instruments ADS1248IPWR Datasheet HTML 11Page - Texas Instruments ADS1248IPWR Datasheet HTML 12Page - Texas Instruments ADS1248IPWR Datasheet HTML 13Page - Texas Instruments ADS1248IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
t
START
START
SCLK
CS
RESET
t
RESET
t
RHSC
ADS1246
ADS1247
ADS1248
SBAS426C – AUGUST 2008 – REVISED AUGUST 2009 .................................................................................................................................................. www.ti.com
Figure 3. Minimum START Pulse Width
Table 3. Timing Characteristics for Figure 3
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tSTART
START pulse width high
3
tOSC
Figure 4. Reset Pulse Width and SPI Communication After Reset
Table 4. Timing Characteristics for Figure 4
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tRESET
RESET pulse width low
4
tOSC
tRHSC
RESET high to SPI communication start
0.6(1)
ms
(1)
Applicable only when fOSC = 4.096MHz and scales proportionately with fOSC frequency.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248


Similar Part No. - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI1-ADS1248IPWR Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com