Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1248IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1248IPWR
Description  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1248IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1248IPWR Datasheet HTML 2Page - Texas Instruments ADS1248IPWR Datasheet HTML 3Page - Texas Instruments ADS1248IPWR Datasheet HTML 4Page - Texas Instruments ADS1248IPWR Datasheet HTML 5Page - Texas Instruments ADS1248IPWR Datasheet HTML 6Page - Texas Instruments ADS1248IPWR Datasheet HTML 7Page - Texas Instruments ADS1248IPWR Datasheet HTML 8Page - Texas Instruments ADS1248IPWR Datasheet HTML 9Page - Texas Instruments ADS1248IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
ADS1246
ADS1247
ADS1248
SBAS426C – AUGUST 2008 – REVISED AUGUST 2009 .................................................................................................................................................. www.ti.com
ADS1248 (TSSOP-28) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input
Positive external reference input 0, or
REFP0/GPIO0
5
Digital in/out
general-purpose digital input/output pin 0
Analog input
Negative external reference 0 input, or
REFN0/GPIO1
6
Digital in/out
general-purpose digital input/output pin 1
REFP1
7
Analog input
Positive external reference 1 input
REFN1
8
Analog input
Negative external reference 1 input
VREFOUT
9
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
10
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
11
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
12
Analog input
Analog input 1, optional excitation current output
Analog input
Analog input 4, optional excitation current output, or
AIN4/IEXC/GPIO4
13
Digital in/out
general-purpose digital input/output pin 4
Analog input
Analog input 5, optional excitation current output, or
AIN5/IEXC/GPIO5
14
Digital in/out
general-purpose digital input/output pin 5
Analog input
Analog input 6, optional excitation current output, or
AIN6/IEXC/GPIO6
15
Digital in/out
general-purpose digital input/output pin 6
Analog input
Analog input 7, optional excitation current output, or
AIN7/IEXC/GPIO7
16
Digital in/out
general-purpose digital input/output pin 7
Analog input
Analog input 2, optional excitation current output, or
AIN2/IEXC/GPIO2
17
Digital in/out
general-purpose digital input/output pin 2
Analog input
Analog input 3, optional excitation current output, or
AIN3/IEXC/GPIO3
18
Digital in/out
general-purpose digital input/output pin 3
IOUT2
19
Analog output
Excitation current output 2
IOUT1
20
Analog output
Excitation current output 1
AVSS
21
Analog
Negative analog power supply
AVDD
22
Analog
Positive analog power supply
START
23
Digital input
Conversion start. See text for complete description.
CS
24
Digital input
Chip select (active low)
DRDY
25
Digital output
Data ready (active low)
Serial Data Out Output, or
DOUT/DRDY
26
Digital output
Data Out combined with Data Ready (active low when DRDY function enabled)
DIN
27
Digital input
Serial data input
SCLK
28
Digital input
Serial clock input
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1246 ADS1247 ADS1248


Similar Part No. - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI-ADS1248IPWR Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248IPWR TI1-ADS1248IPWR Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1248IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com