Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD237 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD237
Description  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD237 Datasheet(HTML) 1 Page - Motorola, Inc

  BD237 Datasheet HTML 1Page - Motorola, Inc BD237 Datasheet HTML 2Page - Motorola, Inc BD237 Datasheet HTML 3Page - Motorola, Inc BD237 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium Power Silicon
NPN Transistor
. . . designed for use in 5.0 to 10 Watt audio amplifiers and drivers utilizing
complementary or quasi complementary circuits.
• DC Current Gain — hFE = 40 (Min) @ IC = 0.15 Adc
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
80
Vdc
Collector–Base Voltage
VCBO
100
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
2.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25_C
PD
25
Watts
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
5.0
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector–Emitter Sustaining Voltage*
(IC = 0.1 Adc, IB = 0)
V(BR)CEO
80
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
DC Current Gain
(IC = 0.15 A, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
hFE1
hFE2
40
25
Collector–Emitter Saturation Voltage*
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
0.6
Vdc
Base–Emitter On Voltage*
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.3
Vdc
Current–Gain — Bandwidth Product
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
MHz
* Pulse Test: Pulse Width
x 300 µs, Duty Cycle x 2.0%.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD237/D
© Motorola, Inc. 1995
BD237
2.0 AMPERES
POWER TRANSISTORS
NPN SILICON
80 VOLTS
25 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Similar Part No. - BD237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BD237 WINNERJOIN-BD237 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
List of Unclassifed Man...
BD237 ETC-BD237 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
Fairchild Semiconductor
BD237 FAIRCHILD-BD237 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
logo
Unisonic Technologies
BD237 UTC-BD237 Datasheet
113Kb / 3P
   80V, NPN TRANSISTORS
More results

Similar Description - BD237

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com