Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7075 Datasheet(PDF) 8 Page - ASM GmbH

Part # 7075
Description  WAVEFORM GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

7075 Datasheet(HTML) 8 Page - ASM GmbH

  7075 Datasheet HTML 1Page - ASM GmbH 7075 Datasheet HTML 2Page - ASM GmbH 7075 Datasheet HTML 3Page - ASM GmbH 7075 Datasheet HTML 4Page - ASM GmbH 7075 Datasheet HTML 5Page - ASM GmbH 7075 Datasheet HTML 6Page - ASM GmbH 7075 Datasheet HTML 7Page - ASM GmbH 7075 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7
7075 WAVEFORM GENERATOR (4ch)
7075-01 WAVEFORM GENERATOR (2ch)
Inputs:
TRIG IN, RUN/STOP IN, SYNC CLK IN,
MASTER CLK IN
TTL levels
(only TRIG is independently controllable for channels 1-4)
Outputs:
TRIG OUT, RUN/STOP OUT, SYNC CLK OUT,
MASTER CLK OUT
TTL levels
(only TRIG is independently controllable for channels 1-4)
-6. Control Input/Output
Setting Format
Selection:
Unit Selection:
Current Function: frequency
↔ period
amplitude, offset
↔ upper/lower limits
Selectable:
Hz
↔ r/min (rpm)
Vpeak
↔ Vrms
Save Output
Conditions:
Synchronized
Drive:
Number of
Internally Storable
Waveforms:
Conditions at power off, waveform backup
Maximum 4 units (16 channels)
8
-7. Miscellaneous
Sweep
Waveform:
Sweep Type:
Sweep Object:
Function Generator or Custom Waveform
Linear (within an individual element)
Function Generator: frequency, amplitude, offset, duty cycle
(duty applies only to pulse waves. Frequency, amplitude and
offset can be swept simultaneously)
Custom Waveform: frequency, amplitude, offset, duty
(frequency, amplitude and offset can be swept simultaneously)
Sweep Time:
Sequence
Functions:
10 µs to 1000 s (10 µs or 5 digits resolution)
Loop: element or group is output at specified times
Hold: output of the last data element persists
Sequence length: maximum 128 elements
Loop Repeats: maximum 1042 times, or infinite loop
Trigger: cancels infinite loop and hold, and moves to
next element
-5. Sweep Functions
q OPTIONS
9165 CONNECTION CORD (BNC-BNC/1.5m, 59.1”)
9166 CONNECTION CORD (BNC-CLIP/1.5m, 59.1”)
9151-02
GP-IB CONNECTION CABLE (2m, 78.7”)
9151-04
GP-IB CONNECTION CABLE (4m, 157.5”)
Note : Product names appearing herein are trademarks or registered trademarks of various
companies.
Related Products
HIOKI 8800 series MEMORY HiCORDERs are waveform
storage devices that can store high-speed and transient
phenomena. A full line of versions is available for applications
requiring 2 to 32 channels, high-speed sampling or large
memory capacity. Actual measured waveform data is saved to
the unit's internal memory or external floppy disk for
downloading directly to the Model 7075, enabling quick
regeneration of actual waveforms. Also, with the bundled
7990 Waveform Creation Software, actual measured waveforms
can be loaded into the PC for unlimited processing.
q Downloadable Models (through floppy disk, GP-IB or PC)
8806, 8806-1, 8807, 8808, 8825, 8826, 8835-01, 8830S, 8840,
8841, 8842, 8845, 8846, 8850, 8851, 8852, 8852-01, 8853, 7070
8852/8852-01
4 ch
100 MS/s
16M (1 ch) to 4 MW (4 ch)
Floppy disk
8845/8846
Max. 16 ch/Color display
200 kS/s
1M (2 ch) to 100 kW (16 ch)
DAT(8845), MO(8846
8841/8842
Max. 16 ch/Color display
1 MS/s
4M (1 ch) to 500 kW (16 ch)
Floppy/MO disk, PC Card
8835-01
Max. 8 ch/Color display
1 MS/s
4 MW (1 ch) to 500 kW (8 ch)
Floppy disk, PC Card
8807/8808
2, 4ch
400 kS/s
256k(1ch) to 128kW(2ch),
256k(1ch) to 64kW(4ch)
PC Card
8826
Max. 32 ch/Color display
1 MS/s
4M (1 ch) to 500 kW (32 ch)
Floppy/MO disk, PC Card
F7075E2-9ZB-03K
Printed in Japan
DISTRIBUTED BY
All information correct as of Oct.29 1999. All specifications are subject to change without notice.
s Inter net HIOKI website http://www.hioki.co.jp/
ASM GmbH
Am Bleichbach 18 - 22
85452 Moosinning / Germany


Similar Part No. - 7075

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7075003 FIBOX-7075003 Datasheet
43Kb / 1P
Selftapping taptite screw M3, for enclosures
02.08.2023
7075005 FIBOX-7075005 Datasheet
52Kb / 1P
Selftapping taptite screw M5, for enclosures
02.08.2023
More results

Similar Description - 7075

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
Precision Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
Analog Devices
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
Programmable Waveform Generator
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com