Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7075 Datasheet(PDF) 7 Page - ASM GmbH

Part # 7075
Description  WAVEFORM GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

7075 Datasheet(HTML) 7 Page - ASM GmbH

  7075 Datasheet HTML 1Page - ASM GmbH 7075 Datasheet HTML 2Page - ASM GmbH 7075 Datasheet HTML 3Page - ASM GmbH 7075 Datasheet HTML 4Page - ASM GmbH 7075 Datasheet HTML 5Page - ASM GmbH 7075 Datasheet HTML 6Page - ASM GmbH 7075 Datasheet HTML 7Page - ASM GmbH 7075 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6
Number of
Channels:
Output Functions:
Display:
Language:
External Memory
System:
Interfaces:
Electrostatic
Endurance:
4 (7075), 2 (7075-1)
Function Generator, Arbitrary Waveform Generator
(settable for each channel)
5.7" LCD (with Touch Panel)
Japanese or English selectable
3.5" Floppy Drive
Storage Capacity: 1.44 MB, 1.2 MB and 720 kB compatible
(1.2 MB format is non-standard)
Data format: MS-DOSformat
GP-IB (IEEE 488.1 compliant. Refer to IEEE 488.2)
RS-232C (Dsub 9-pin connector, 19200, 9600 and 4800 bps
speed, for waveform data transfer only -- not for control)
Power (cumulative)- single pulse to chassis/
AC 1.5 kVrms for 1 min. 25 mA
Operating temperature: 10 to 40˚C (50 to 104˚F) 85% RH or less
Storage temperature:
-10 to 50˚C (14 to 122˚F) 85% RH or less
Operating location: Indoors, at less than 2,000m (6,562-ft.) altitude
Auto selects 100, 120, 200 or 230 VAC (
±10%), 50/60 Hz
120 VA
345W
× 130H × 286D mm, 7.8 kg (7075) / 7.5 kg (-01)
13.6" W
× 5.1" H × 11.3" D, 275 oz. (7075) / 265 oz. (-01)
7990 WAVEFORM CREATION SOFTWARE (3 floppy disks)
EMC
EN55011:1991+A1:1997+A2:1996
EN50082-1:1992
Safety
EN61010-1:1993+A2:1995
Pollution level 2, Overvoltage category II
(anticipated transient overvoltage 2,5 kV)
(23˚C ± 5˚C/73˚F ± 9˚F, after 30 minutes warmup)
-1. General Specifications
Max. Output
Voltage:
Amplitude Setting
Ranges:
(setting is peak level)
DC Offset:
(setting range)
Minimum Load
Impedance:
±10 V o.c. (o.c. = open-circuit)
10 V Range: 0 to 10 V o.c. (1 mV resolution)
1 V Range: 0 to 1 V o.c. (0.1 mV resolution)
0.1 V Range: 0 to 0.1 V o.c. (0.01 mV resolution)
10 V Range: -10 V to 10 V o.c. (1 mV resolution)
1 V Range: -1 V to 1 V o.c. (0.1 mV resolution)
0.1 V Range: -0.1 V to 0.1 V o.c. (0.01 mV resolution)
40
50
Ω±2% (DC)
< 45 ns (from 10 to 90% of peak amplitude square wave,
with LPF bypassed, RL=50
Selected amplitude (within
±5% of p-p value of square wave,
with LPF bypassed, RL=50
Within 25 ns (determined at simultaneous waveform selection)
1 V Range: add 0.2% of range to 10 V range accuracy
0.1 V Range: add 0.4% of range to 10 V range accuracy
Note:
refer to the following Function Generator and
Arbitrary Waveform Generator sections for 10 V range accuracy
-2. Analog Output (common to Function Generator and Custom Waveform Outputs)
sine, square (fixed 50% duty), triangle, ramp-up,
ramp-down, pulse, noise, DC
Sine wave: 0 to 10 MHz (10 mHz resolution)
Square wave: 0 to 10 MHz (10 mHz resolution)
Triangle wave: 0 to 200 kHz (10 mHz resolution)
Ramp waves: 0 to 200 kHz (10 mHz resolution)
Pulse wave: 0 to 200 kHz (10 mHz resolution)
within
±50 ppm ±50 µHz of setting
within
±0.5% ±25 mV of setting
within
±DC Offset Accuracy
× 0.1 per ˚C
within 2%
±20 mVrms of setting (for 1 kHz sine wave)
within (Amplitude Accuracy
× 0.1) per ˚C
-360.00 to 360.00˚ (0.01˚ resolution)
within 100 ns p-p (triangle, ramp and pulse waves)
fixed (40 to 60%)
adjustable from 1 to 99% (0.1% resolution)
(Pulse width must be 100 ns or greater)
-3. Function Generator Mode (Accuracy is determined at 10V range)
Voltage Axis
Resolution:
Waveform Memory
Capacity:
Filtering:
Waveform Input
Methods:
DC Output
Accuracy:
DC Output
Stability:
16 bits (64,000 counts)
128,000 Words/channel (channel independent)
2-stage LPF, 50 Hz to 1 MHz (14 steps in 1-2-5 progression)
Floppy Disk, GP-IB or RS-232C download
(direct download from MEMORY HiCORDER)
within
±2% ±25 mV of setting
within
±DC Output Accuracy
× 0.1 per ˚C
Amplitude
Accuracy:
Delay:
Custom Waveform
Clock:
within 2%
±20 mVrms of setting
(for 10,000 Words, 10 MHz clock sine wave)
Settable within
±128,000 in 1-clock units
Max. 4 channels (same as waveform output)
Frequency range: 10 mHz to 10 MHz (10 mHz resolution)
Frequency accuracy: within
±50 ppm ±50 µHz of setting
Jitter: the larger of the effect within 800 ps, or within 0.05%
of period setting
-4. Arbitrary Waveform Generation Mode (Accuracy is determined at 10V range)
Specifications
Environmental
Conditions:
(non-condensating)
Power:
Maximum Rated
Dissipation:
Dimensions and
mass :
Accessory:
Conforming
Standards:
Output Impedance:
Rise and Fall
Times:
Overshoot:
Interchannel
Skew:
Output Range
Accuracy:
Waveform Types:
Frequency Range:
Frequency
Accuracy:
DC Offset Accuracy:
DC Offset Stability:
Amplitude Accuracy:
Amplitude Stability:
Phase Adjustment:
Jitter:
Square Wave Duty
Cycle:
Pulse Wave Duty
Cycle:


Similar Part No. - 7075

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7075003 FIBOX-7075003 Datasheet
43Kb / 1P
Selftapping taptite screw M3, for enclosures
02.08.2023
7075005 FIBOX-7075005 Datasheet
52Kb / 1P
Selftapping taptite screw M5, for enclosures
02.08.2023
More results

Similar Description - 7075

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
Precision Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
Analog Devices
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
Programmable Waveform Generator
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com