Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7075 Datasheet(PDF) 4 Page - ASM GmbH

Part # 7075
Description  WAVEFORM GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

7075 Datasheet(HTML) 4 Page - ASM GmbH

  7075 Datasheet HTML 1Page - ASM GmbH 7075 Datasheet HTML 2Page - ASM GmbH 7075 Datasheet HTML 3Page - ASM GmbH 7075 Datasheet HTML 4Page - ASM GmbH 7075 Datasheet HTML 5Page - ASM GmbH 7075 Datasheet HTML 6Page - ASM GmbH 7075 Datasheet HTML 7Page - ASM GmbH 7075 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7075 Application Functions
q Sweep Sequence Functions
Waveform amplitude, frequency, offset
and duty cycle* can be swept
simultaneously, so multi-pattern signals
can be easily generated.
* Duty cycle setting applies only to pulse
waveforms.
• Table-style entry of up to 128 steps
• Settable step loop time
• Sequence control by external signals
• Long-duration sweep and high-speed data refresh
Sweep time of 0.01 ms to 1000 s
Maximum data refresh speed of 1
µs
High Performance in a Compact Package
q Trigger Functions
When Hold is enabled for a sequence loop,
the Hold can be canceled by the trigger.
Specifically, an external trigger can be
applied to each channel independently, so
variations can be imposed on the output
according to custom timing differences
between channels.
This function is useful in, for example, an
automobile ABS simulation in which
signals for the four wheels can be
controlled independently.
Example of simultaneous amplitude
and frequency sweep setting
Output waveform example
CH1: Simultaneous sweep of amplitude
and frequency of a sine wave
CH2: Duty cycle sweep of a pulse wave
TRIG
TRIG
TRIG
TRIG
CH 1
CH 2
CH 3
CH 4
q Low-Pass Filter Functions
14 types of low-pass filter with 1-2-5
progression are built in.
Device testing capabilities are enhanced
by selectably filtering the test signal, such
as for noise tests.
Output controlled by custom timing
14 types of low-pass filter
Output timing can be controlled by
trigger input for each channel at the
external control terminals on the rear
panel.
3


Similar Part No. - 7075

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7075003 FIBOX-7075003 Datasheet
43Kb / 1P
Selftapping taptite screw M3, for enclosures
02.08.2023
7075005 FIBOX-7075005 Datasheet
52Kb / 1P
Selftapping taptite screw M5, for enclosures
02.08.2023
More results

Similar Description - 7075

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
Precision Waveform Generator
logo
Keysight Technologies
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
Arbitrary Waveform Generator
logo
Analog Devices
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
Programmable Waveform Generator
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com