Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3914 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH3914
Description  High-Frequency Amplifi er, Analog Switch Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3914 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH3914 Datasheet HTML 1Page - Sanyo Semicon Device MCH3914 Datasheet HTML 2Page - Sanyo Semicon Device MCH3914 Datasheet HTML 3Page - Sanyo Semicon Device MCH3914 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3914
No. A1511-3/4
IT14786
Drain-to-Source Voltage, VDS -- V
Ciss -- VDS
Drain-to-Source Voltage, VDS -- V
Crss -- VDS
VGS(off) -- IDSS
Drain Current, IDSS -- mA
Ambient Temperature, Ta --
°C
PD -- Ta
350
250
300
200
100
50
150
0
0
20
40
60
80
100
120
140
160
When mounted on ceramic substrate
(600mm2
×0.8mm)
5
10
2
7
5
37
100
5
3
2
--1.0
7
5
IT14785
7
1.0
2
35
7
10
2
1.0
2
3
5
7
10
ITR02816
7
1.0
23
57
10
2
5
7
1.0
3
2
5
ITR02817
VGS=0V
f=1MHz
VDS=5V
ID=10μA
VGS=0V
f=1MHz
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain Current, IDSS -- mA
| yfs | -- I
DSS
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
10
20
30
40
50
ITR02813
5
7
10
2
57
3
100
10
2
3
7
5
100
IT14784
VDS=5V
IDSS=25mA
75
°C
25
°C
VDS=5V
f=1kHz
| yfs |
(VGS
=0V)
| yfs | (ID=10mA)


Similar Part No. - MCH3914

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3914 ONSEMI-MCH3914 Datasheet
703Kb / 4P
   N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-7-TL-H SANYO-MCH3914-7-TL-H Datasheet
438Kb / 6P
   High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-7-TL-H ONSEMI-MCH3914-7-TL-H Datasheet
703Kb / 4P
   N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-8-TL-H SANYO-MCH3914-8-TL-H Datasheet
438Kb / 6P
   High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-8-TL-H ONSEMI-MCH3914-8-TL-H Datasheet
703Kb / 4P
   N-Channel JFET
More results

Similar Description - MCH3914

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
MCH5908 SANYO-MCH5908_12 Datasheet
399Kb / 6P
   High-Frequency Amplifi er, AM Amplifier, Low-Frequency Amplifier Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com