Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3914 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH3914
Description  High-Frequency Amplifi er, Analog Switch Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3914 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH3914 Datasheet HTML 1Page - Sanyo Semicon Device MCH3914 Datasheet HTML 2Page - Sanyo Semicon Device MCH3914 Datasheet HTML 3Page - Sanyo Semicon Device MCH3914 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH3914
No. A1511-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Zero-Gate Voltage Drain Current
IDSS
VDS=5V, VGS=0V
16.0*
50.0*
mA
Forward Transfer Admittance
| yfs |1V
DS=5V, ID=10mA, f=1kHz
14
21
mS
| yfs |2V
DS=5V, VGS=0V, f=1kHz
14
29
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
4.9
pF
Reverse Transfer Capacitance
Crss
VDS=5V, VGS=0V, f=1MHz
1.4
pF
* : The MCH3914 is classified by IDSS as follows : (unit : mA)
Marking
J7
J8
Rank
7
8
IDSS
16.0 to 32.0
25.0 to 50.0
Package Dimensions
unit : mm (typ)
7019A-006
1 : Source
2 : Drain
3 : Gate
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 t o 0.02
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
04
8
12
16
20
0
4
8
12
20
16
24
ITR02811
--2.8
--2.4
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
10
20
30
40
50
60
IT14783
VDS=0V
--0.2V
--0.4V
--0.6V
--0.8V
--1.0V
VDS=5V
I DSS
=50mA
25mA
20mA
16mA


Similar Part No. - MCH3914

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3914 ONSEMI-MCH3914 Datasheet
703Kb / 4P
   N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-7-TL-H SANYO-MCH3914-7-TL-H Datasheet
438Kb / 6P
   High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-7-TL-H ONSEMI-MCH3914-7-TL-H Datasheet
703Kb / 4P
   N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-8-TL-H SANYO-MCH3914-8-TL-H Datasheet
438Kb / 6P
   High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-8-TL-H ONSEMI-MCH3914-8-TL-H Datasheet
703Kb / 4P
   N-Channel JFET
More results

Similar Description - MCH3914

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
MCH5908 SANYO-MCH5908_12 Datasheet
399Kb / 6P
   High-Frequency Amplifi er, AM Amplifier, Low-Frequency Amplifier Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com