Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3914 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH3914
Description  High-Frequency Amplifi er, Analog Switch Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3914 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH3914 Datasheet HTML 1Page - Sanyo Semicon Device MCH3914 Datasheet HTML 2Page - Sanyo Semicon Device MCH3914 Datasheet HTML 3Page - Sanyo Semicon Device MCH3914 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH3914
No. A1511-1/4
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Features
| yfs | is large.
Ciss is small.
Small package.
FBET process.
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSX
15
V
Gate-to-Drain Voltage
VGDS
--15
V
Gate Current
IG
5mA
Drain Current
ID
50
mA
Allowable Power Dissipation
PD
When mounted on ceramic substrate (600mm2×0.8mm)
300
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10μA, VDS=0V
--15
V
Gate-to-Source Leakage Current
IGSS
VGS=--10V, VDS=0V
--1.0
nA
Cutoff Voltage
VGS(off)
VDS=5V, ID=10μA
--0.6
--1.4
--3.0
V
Continued on next page.
Ordering number : ENA1511
72209AC TK IM TC-00002014
SANYO Semiconductors
DATA SHEET
MCH3914
N-Channel Junction Silicon FET
High-Frequency Amplifier,
Analog Switch Applications
www.semiconductor-sanyo.com/network


Similar Part No. - MCH3914

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3914 ONSEMI-MCH3914 Datasheet
703Kb / 4P
N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-7-TL-H SANYO-MCH3914-7-TL-H Datasheet
438Kb / 6P
High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-7-TL-H ONSEMI-MCH3914-7-TL-H Datasheet
703Kb / 4P
N-Channel JFET
logo
Sanyo Semicon Device
MCH3914-8-TL-H SANYO-MCH3914-8-TL-H Datasheet
438Kb / 6P
High-Frequency Amplifier, Analog Switch Applications
logo
ON Semiconductor
MCH3914-8-TL-H ONSEMI-MCH3914-8-TL-H Datasheet
703Kb / 4P
N-Channel JFET
More results

Similar Description - MCH3914

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
Low-Frequency Power Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
Low-Frequency General-Purpose Amplifi er Applications
MCH5908 SANYO-MCH5908_12 Datasheet
399Kb / 6P
High-Frequency Amplifi er, AM Amplifier, Low-Frequency Amplifier Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
Low-Frequency General-Purpose Amplifi er Applications
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
Low-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com