Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD135 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD135
Description  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD135 Datasheet(HTML) 1 Page - Motorola, Inc

  BD135 Datasheet HTML 1Page - Motorola, Inc BD135 Datasheet HTML 2Page - Motorola, Inc BD135 Datasheet HTML 3Page - Motorola, Inc BD135 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium Power Silicon
NPN Transistor
. . . designed for use as audio amplifiers and drivers utilizing complementary or quasi
complementary circuits.
• DC Current Gain — hFE = 40 (Min) @ IC = 0.15 Adc
• BD 135, 137, 139 are complementary with BD 136, 138, 140
MAXIMUM RATINGS
Rating
Symbol
Type
Value
Unit
Collector–Emitter Voltage
VCEO
BD 135
BD 137
BD 139
45
60
80
Vdc
Collector–Base Voltage
VCBO
BD 135
BD 137
BD 139
45
60
100
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TA = 25_C
Derate above 25
_C
PD
1.25
10
Watts
mW/
_C
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
12.5
100
Watt
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
10
_C/W
Thermal Resistance, Junction to Ambient
θJA
100
_C/W
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD135/D
© Motorola, Inc. 1995
BD135
BD137
BD139
1.5 AMPERE
POWER TRANSISTORS
NPN SILICON
45, 60, 80 VOLTS
10 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Similar Part No. - BD135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Inchange Semiconductor ...
BD135 ISC-BD135 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
BD135 JIANGSU-BD135 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135 Datasheet
33Kb / 4P
   NPN SILICON TRANSISTORS
logo
Central Semiconductor C...
BD135 CENTRAL-BD135 Datasheet
235Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - BD135

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com