Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL270CTPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SPL270CTPT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SPL270CTPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SPL270CTPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SPL270CTPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2004-8
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
0.75
0.80
@ TA = 25
oC
@ TA = 100
oC
0.5
10
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
IR
TJ,TSTG
IFSM
SPL290CTPT
SPL280CTPT
SPL2100CTPT UNITS
90
Volts
Volts
Volts
Amps
70
100
SPL270CTPT
70
49
70
63
90
100
2.0
40
110
50
-65 to +125
Amps
pF
oC / W
oC
80
56
80
R JA
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.2X0.2" ( 5mm X 5mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts.
SPL270CTPT
THRU
* Low Power Loss, High Efficiency
.
SPL2100CTPT
* DC to DC Converters
CHENMKO ENTERPRISE CO.,LTD
* Switch- Mode Power Supplies
SURFACE MOUNT
* Low Forward Voltage Drop .
SCHOTTKY BARRIER RECTIFIER
* Peak F o r w ar d S u r g e C u r ren t I s 40A .
VOLTAGE RANGE 70 - 100 Volts
CURRENT 2.0 Ampere
.
* Schottky Diode Ar ray .
* Notbook PC
PROVISIONAL SPEC.
* Sm al l S u r f ac e M o u n t i n g T y p e. (SMP)
SMP
APPLICATION
FEATURE
MARKING
WEIGHT
CIRCUIT
(3)
(2)
(1)
Di m ens i ons i n inches and (m ill i m eter s)
SMP
0.005 (0.15 Min.)
0.077 (1.95)
0.073 (1.85)
0.045 (1.16)
0.042 (1.07)
0.081 (2.05)
0.077 (1.95)
0.212 (5.38)
0.208 (5.29)
0.264 (6.70)
0.254 (6.46)
0.055 (1.40)
0.051 (1.30)
0.170 (4.31)
0.163 (4.15)
(1)
(2)
(3)
0.019 (0.50 Min.)
0.019 (0.50 Min.)
SPL290CTPT
SPL280CTPT
SPL2100CTPT
SPL270CTPT


Similar Part No. - SPL270CTPT

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SPL2141 AAC-SPL2141 Datasheet
209Kb / 2P
RF Power Splitter
SPL2191 AAC-SPL2191 Datasheet
209Kb / 2P
RF Power Splitter
SPL2192 AAC-SPL2192 Datasheet
209Kb / 2P
RF Power Splitter
logo
Chenmko Enterprise Co. ...
SPL220CTPT CHENMKO-SPL220CTPT Datasheet
185Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SPL220LLPT CHENMKO-SPL220LLPT Datasheet
148Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL270CTPT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com