Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC551 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC551
Description  LinCMOSE TIMERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC551 Datasheet HTML 6Page - Texas Instruments TLC551 Datasheet HTML 7Page - Texas Instruments TLC551 Datasheet HTML 8Page - Texas Instruments TLC551 Datasheet HTML 9Page - Texas Instruments TLC551 Datasheet HTML 10Page - Texas Instruments TLC551 Datasheet HTML 11Page - Texas Instruments TLC551 Datasheet HTML 12Page - Texas Instruments TLC551 Datasheet HTML 13Page - Texas Instruments TLC551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLC551, TLC551Y
LinCMOS
™ TIMERS
SLFS044B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
0.1
µF
0.1
µF
CT
CL
RL
Output
RB
RA
GND
TRIG
THRES
RESET
DISCH
CONT
VDD
OUT
VDD
2/3 VDD
1/3 VDD
GND
tPHL
tPLH
tc(H)
tc(L)
CIRCUIT
TRIGGER AND THRESHOLD VOLTAGE WAVEFORM
TLC551
3
8
5
4
7
6
2
1
VDD
Figure 3. Astable Operation
Connecting TRIG to THRES, as shown in Figure 3, causes the timer to run as a multivibrator. The capacitor CT
charges through RA and RB to the threshold voltage level (approximately 0.67 VDD) and then discharges through RB
only to the value of the trigger voltage level (approximately 0.33 VDD). The output is high during the charging cycle
(tc(H)) and low during the discharge cycle (tc(L)). The duty cycle is controlled by the values of RA, and RB, and CT, as
shown in the equations below.
t
c(H) [
C
T
(R
A )
R
B
)In2 (In 2
+ 0.693)
t
c(L) [
C
T
R
B
In 2
Period
+ t
c(H) )
t
c(L) [
C
T
(R
A )
2R
B
)In2
Output driver duty cycle
+
t
c(L)
t
c(H) )
t
c(L)
[ 1–
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
c(H)
t
c(H) )
t
c(L)
[
R
B
R
A )
2R
B
The 0.1-
µF capacitor at CONT in Figure 3 decreases the period by about 10%.
The formulas shown above do not allow for any propagation delay times from TRIG and THRES to DISCH. These
delay times add directly to the period and create differences between calculated and actual values that increase with
frequency. In addition, the internal on-state resistance ron during discharge adds to RB to provide another source of
timing error in the calculation when RB is very low or ron is very high.


Similar Part No. - TLC551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI1-TLC551 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC551 TI2-TLC551 Datasheet
356Kb / 18P
LinCMOSE TIMERS
REVISED SEPTEMBER 1997
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC555 TI-TLC555 Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
DUAL LINCMOSE TIMER
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com