Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSLO-N54SSB1-QA0R Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSLO-N54SSB1-QA0R
Description  LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLO-N54SSB1-QA0R Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSLO-N54SSB1-QA0R Datasheet HTML 1Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 2Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 3Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 4Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 5Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 6Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Part No.
Code
min.
max.
L
400
520
M
520
680
N
680
880
P
880
1150
Part No.
Code
min.
max.
1
460
465
2
465
470
3
470
475
4
475
480
Notes:
1. Tolerance of measurement of luminous intensity
:±15
2. Tolerance of measurement of Color Coordinates
:±0.01
3. Tolerance of measurement of forward voltage
:±0.05v
4. All data are measured by CSC's test equipment.
5. One delivery will include several color rank, VF rank and Iv ranks of the products.
6. The quantity-ratio of the ranks is decided by CSC.
7.
Please confirm with CSC salesman,if your request different form standard specification.
Page
3/6
unit
:nm
CSLO-N54SSB1-QA0R
PS-LO-N55SSB1-QA0R
A
■ Color Rank Limits ( IF = 20mA )
unit
:mcd
■ Luminous Intensity Rank Limits ( IF = 20mA )
CSLO-N54SSB1-QA0R
Model No
:CSLO-N54SSB1-QA0R
http://www.csctw.com.tw


Similar Part No. - CSLO-N54SSB1-QA0R

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSLO-N54STG1-QA0R CHINASEMI-CSLO-N54STG1-QA0R Datasheet
430Kb / 7P
LED
More results

Similar Description - CSLO-N54SSB1-QA0R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
HB Electronic Component...
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com