Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSHV-NL60SWA4-A2 Datasheet(PDF) 6 Page - China Semiconductor Corporation

Part # CSHV-NL60SWA4-A2
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-NL60SWA4-A2 Datasheet(HTML) 6 Page - China Semiconductor Corporation

  CSHV-NL60SWA4-A2 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 8Page - China Semiconductor Corporation CSHV-NL60SWA4-A2 Datasheet HTML 9Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25
℃ Unless Otherwise Noted)
Page
5/8
A
PS-0805-007
Model No
:CSHV-NL60SWA4-A2
http://www.csctw.com.tw
90
60
50
70
80
120
110
100
130
140
150
Junction Temperature, Tj(
°C)
-20
0
20
40
60
80
100
120
0.6
0.4
0.0
0.2
200
IF - Average Forward Current(mA)
100
0
300
400
1.2
0.8
1.0
300
0.0
50
0
150
100
200
VF - Forward Voltage(Volts)
400
1.0
2.0
3.0
4.0
5.0
6.0
0
150
100
50
200
250
300
400
350
TA - Ambient Temperature
(°C)
Maximum Forward Current
vs. Ambient Temperature.
Derating based on TJMAX =120
°C
0
20
40
80
60
100
RθJ-A=50℃/W
RθJ-A=40℃/W
RθJ-A=30℃/W
Fig 1. Relative Luminous FLux
vs. Forward Current
Fig 3.
Forward Current
vs. Forward Voltage
Fig 2.
Relative Light Output
vs. Junction Temperature
Fig 4.
500
500
1.4
600
700
600
700
1.6
7.0
0.4
0.2
0.0
400
450
1.0
0.8
0.6
Wavelength (nm)
550
500
600
700
650
Relative Spectral Power Distribution
vs. Wavelength
Fig 5.


Similar Part No. - CSHV-NL60SWA4-A2

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
LED
CSHV-NL60SWG4-A6 CHINASEMI-CSHV-NL60SWG4-A6 Datasheet
515Kb / 9P
LED
More results

Similar Description - CSHV-NL60SWA4-A2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com