Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER-12LF Datasheet(PDF) 8 Page - Protech Systems Co., Ltd.

Part # ER-12LF
Description  MIPS base Motherboard/RMI CPU
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

ER-12LF Datasheet(HTML) 8 Page - Protech Systems Co., Ltd.

  ER-12LF Datasheet HTML 1Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 2Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 3Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 4Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 5Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 6Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 7Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 8Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
J3: CIM Connector (Camera)
Pin
Name
Pin
Name
1
GND
11
CIM_FS
2
CIM_D9
12
CIM_LS
3 AU_SMB_CLK 13
CIM_D5
4
CIM_D7
14
CIM_D3
5
CIM_RST
15
CIM_D4
6
CIM_CLK
16
CIM_D6
7 AU_SMB_DAT 17
CIM_D2
8
3.3V
18
2.5V
9
CIM_26MHz 19
GND
10
CIM_D8
20
GND
LVDS1: 20-pin LCD Connector
Pitch-1.25 (DF13-20DP-1.25(26))
Pin
Name
Pin
Name
1
GND
2
GND
3
TX_OUT2+
4
TX_OUT3+
5
TX_OUT2-
6
TX_OUT3-
7
GND
8
GND
9
TX_OUT1+
10
TX_CLK+
11 TX_OUT1-
12
TX_CLK-
13
GND
14
GND
15 TX_OUT0+
16
GND
17 TX_OUT0-
18
3V_LVDS
19
GND
20
3V_LVDS
LCD1: 30-Pin LCD Connector
Pitch-1.25 (DF13-30DP-1.25(26))
Pin
Name
Pin
Name
1 HSYNC_LCD 2
CLK_LCD
3 VSYNC_LCD 4
DE_LCD
5
GND
6
GND
7
LCD_B4
8
LCD_B5
9
LCD_B2
10
LCD_B3
11
LCD_B0
12
LCD_B1
13
LCD_G4
14
GND
15
LCD_G2
16
LCD_G5
17
LCD_G0
18
LCD_G3
19
GND
20
LCD_G1
21
LCD_R4
22
LCD_R5
23
LCD_R2
24
LCD_R3
25
LCD_R0
26
LCD_R1
27
GND
28
GND
29
3V_LCD
30
3V_LCD
J4: SD/MMC Slot
Pin
Name
Pin
Name
1
SD1_DATA3
7
SD1_DATA0
2
SD1_CMD
8
SD1_DATA1
3
GND
9
SD1_DATA2
4
3.3V
10
SD1_SW
5
SD1_CLK
11
GND
6
GND
12
SD1_WP
FPC1: 40-Pin FPC Connector
(APEX 5.7” & APEX 7”)
Pin
Name
Pin
Name
1
LCD_U_D
2
DMS
3 LCD_HSYNC 4
5V_LED
5
5V_LED
6
5V_LED
7
3V_LED
8
LCD_VSYNC
9
DE_LCD
10
XM
11
YP
12
ADJ
13
LCD_B5
14
LCD_B4
15
LCD_B3
16
GND
17
LCD_B2
18
LCD_B1
19
LCD_B0
20
GND
21
LCD_G5
22
LCD_G4
23
LCD_G3
24
GND
25
LCD_G2
26
LCD_G1
27
LCD_G0
28
GND
29
LCD_R5
30
LCD_R4
31
LCD_R3
32
GND
33
LCD_R2
34
LCD_R1
35
LCD_R0
36
XP
37
YM
38
DCLK
39
GND
40
LCD_L_R
SW4: Touch Function
Setting (ON/OFF)
Pin
Name
Pin
Name
1
YM
5
TSMX
2
XP
6
TSPY
3
YP
7
TSPX
4
XM
8
TSMY
SW3: Touch Function
Setting (ON/OFF)
Pin
Name
Pin
Name
1
GND
5
XM
2
GND
6
YP
3
GND
7
XP
4
GND
8
YM
Connector Pin Assignment 2
Connector Pin Assignment 2
All Right Reserved Copyright 2007
PROTECH SYSTEMS
PROTECH SYSTEMS
It's the right choice
MIPS base Motherboard/ RMI CPU(AMD)/
Win CE5.0/Linux 2.6
ER-12LF
P8
J9: TV-OUT/VGA Connector
Pin
Name
CVBS
S-Video
VGA
1 CRT_HSYNC
HSYNC
2 CRT_VSYNC
VSYNC
3
GND
GND
4
AGND
GND
GND
AGND
5
TV_S0
Y
G
6
TV_S1
C
R
7
TV_S2
CVBS
B
8
TV_S3
CN2: IDE Connector
Pin
Name
Pin
Name
1 IDE_RESET# 2
GND
3
IDE_DATA7
4
IDE_DATA8
5
IDE_DATA6
6
IDE_DATA9
7
IDE_DATA5
8
IDE_DATA10
9
IDE_DATA4 10 IDE_DATA11
11 IDE_DATA3 12 IDE_DATA12
13 IDE_DATA2 14 IDE_DATA13
15 IDE_DATA1 16 IDE_DATA14
17 IDE_DATA0 18 IDE_DATA15
19
GND
20
NC
21 IDE_MARQ
22
GND
23 IDE_DIOW# 24
GND
25 IDE_DIOR#
26
GND
27 IDE_IORDY 28
IDE_ALE
29IDE_DMACK# 30
GND
31 IDE_INTRQ 32
NC
33
IDE_DA1
34 IDE_PDIAG#
35
IDE_DA0
36
IDE_DA2
37 IDE_CS0#
38
IDE_CS1#
39 IDE_DASP# 40
GND
41
V_HDD
42
V_HDD
43
GND
44
NC


Similar Part No. - ER-12LF

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16503 BUD-ER-16503 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16504 BUD-ER-16504 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16505 BUD-ER-16505 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16506 BUD-ER-16506 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
More results

Similar Description - ER-12LF

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EF-22LF PROTECHSYSTEMS-EF-22LF Datasheet
714Kb / 7P
   ARM base Motherboard/ Freescale IMX21 CPU/Win CE5.0/ SD/MMC
logo
List of Unclassifed Man...
AU1200-400MGD ETC2-AU1200-400MGD Datasheet
306Kb / 4P
   RMI Alchemy Au1200 Processor
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard
EMB-6908T AAEON-EMB-6908T_15 Datasheet
382Kb / 2P
   Embedded Motherboard
logo
List of Unclassifed Man...
X9SAE ETC1-X9SAE Datasheet
6Mb / 105P
   Supermicro Motherboard
GA-E3000N ETC-GA-E3000N Datasheet
10Mb / 31P
   Motherboard Layout
logo
AAEON Technology
EMB-9658T AAEON-EMB-9658T_15 Datasheet
324Kb / 2P
   Embedded Motherboard
EMB-A50M AAEON-EMB-A50M_15 Datasheet
354Kb / 2P
   Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67_15 Datasheet
301Kb / 2P
   Embedded Motherboard
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com