Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER-12LF Datasheet(PDF) 7 Page - Protech Systems Co., Ltd.

Part # ER-12LF
Description  MIPS base Motherboard/RMI CPU
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

ER-12LF Datasheet(HTML) 7 Page - Protech Systems Co., Ltd.

  ER-12LF Datasheet HTML 1Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 2Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 3Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 4Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 5Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 6Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 7Page - Protech Systems Co., Ltd. ER-12LF Datasheet HTML 8Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Connector Pin Assignment 2
Connector Pin Assignment 1
All Right Reserved Copyright 2007
PROTECH SYSTEMS
PROTECH SYSTEMS
It's the right choice
MIPS base Motherboard/ RMI CPU(AMD)/
Win CE5.0/Linux 2.6
ER-12LF
J1: DC-IN (Support DC jack w/ cable)
Pin Name
Description
1
Vin
DC 10~36V
2
GND
GND
3
GND_Earth
Reserved
J7: Inverter
Pin Name
1
12V_INV
2
NC
3
GND
4
Enable
5
Brightness
PW1: Stand-by
Power Output
(support power supply)
Pin Name
1
12V_SB
2
GND
3
GND
4
5V_SB
J19: IDE HDD
Power Selection
Pin
Name
1
VCC_5V
2
V_HDD
3
3V3_SYS
J18: UART1 Port RS232
(DTE) DB-9 Male
Pin
Name
Pin
Name
1
NC
5
GND
2
RXD
6
NC
3
TXD
7
RTS
4
NC
8
CTS
9
NC
FPC2: FPC Connector
(4-wire Touch)
Pin Pin Assignment
1
TSMX
2
TSMY
3
TSPX
4
TSPY
COM0: UART 0 (DTE)
(Debug port)
Pin
Name
1
5V
2
COM0_RXD
3
COM0_TXD
4
GND
5
NC
COM5: UART4
Pin
Name
Pin
Name
1
DCD
6
DSR
2
RXD
7
RTS
3
TXD
8
CTS
4
DTR
9
RING
5
GND
10
5V
COM6: UART5
COM3: UART2
COM4: UART3
J20: Line-Out
Connector
Pin
Name
1
GND
2 LINE-OUT_R
3 LINE_OUT_L
4
AMP_R
5
AMP_L
6
MIC
CN6: Speaker Out
Pin
Name
1
SPK+
2
SPK-
CN7: MIC In
Pin
Name
1
MIC+
2
MIC-
JSW1: Front I/O
Pin
Name
Pin
Name
1
HDD_LED
5
Gnd
2
3.3V
6
ON_SW
3
GND
7
GND
4
3.3V
8
RST_SW
(* Customers may choose to use
power supply in or DC-jack in)
Pin
Name
Pin
Name
1
DCD
6
DSR
2
RXD
7
RTS
3
TXD
8
CTS
4
DTR
9
RING
5
GND
10
5V
Pin
Name
Pin
Name
1
DCD
6
DSR
2
RXD
7
RTS
3
TXD
8
CTS
4
DTR
9
RING
5
GND
10
5V
Pin
Name
Pin
Name
1
DCD
6
DSR
2
RXD
7
RTS
3
TXD
8
CTS
4
DTR
9
RING
5
GND
10
5V
JUSB1: USB Front I/O
Pin
Name
Pin
Name
1
5V_USBG
6
5V_USBH
2
USBG_D-
7
USBH_D-
3
USBG_D+
8
USBH_D+
4 AU_USB_OTG_ID 9
GND
5
GND
10
GND
FPC3: EXT. SD/MMC
Pin
Name
Pin
Name
1
3.3V
6
AU_SD0_CD
2
SD0_DATA2
7
SD0_DATA1
3
SD0_DATA3
8
SD0_DATA0
4
SD0_CMD
9
AU_SD0_WP
5
SD0_CLK
10
GND
CN_IO1: Digital I/O
Pin
Name
Pin
Name
1
DOUT_1*
6
DIN_1
2
DOUT_2*
7
DIN_2
3
DOUT_3*
8
DIN_3
4
DOUT_4*
9
DIN_4
5 DIO_SMB_DAT10 DIO_SMB_CLK
SW2: H/W Function
Setting (ON/OFF)
Pin
Name
Pin
Name
1
Sys_BT1
5
GND
2
Sys_BT2
6
GND
3
USBG_ID
7
GND
4
AT_ON
8
GND
P7


Similar Part No. - ER-12LF

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16503 BUD-ER-16503 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16504 BUD-ER-16504 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16505 BUD-ER-16505 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16506 BUD-ER-16506 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
More results

Similar Description - ER-12LF

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EF-22LF PROTECHSYSTEMS-EF-22LF Datasheet
714Kb / 7P
   ARM base Motherboard/ Freescale IMX21 CPU/Win CE5.0/ SD/MMC
logo
List of Unclassifed Man...
AU1200-400MGD ETC2-AU1200-400MGD Datasheet
306Kb / 4P
   RMI Alchemy Au1200 Processor
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard
EMB-6908T AAEON-EMB-6908T_15 Datasheet
382Kb / 2P
   Embedded Motherboard
logo
List of Unclassifed Man...
X9SAE ETC1-X9SAE Datasheet
6Mb / 105P
   Supermicro Motherboard
GA-E3000N ETC-GA-E3000N Datasheet
10Mb / 31P
   Motherboard Layout
logo
AAEON Technology
EMB-9658T AAEON-EMB-9658T_15 Datasheet
324Kb / 2P
   Embedded Motherboard
EMB-A50M AAEON-EMB-A50M_15 Datasheet
354Kb / 2P
   Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67_15 Datasheet
301Kb / 2P
   Embedded Motherboard
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com