Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N33 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 4N33
Description  STANDARD THRU HOLE CASE 730A-04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N33 Datasheet(HTML) 4 Page - Motorola, Inc

  4N33 Datasheet HTML 1Page - Motorola, Inc 4N33 Datasheet HTML 2Page - Motorola, Inc 4N33 Datasheet HTML 3Page - Motorola, Inc 4N33 Datasheet HTML 4Page - Motorola, Inc 4N33 Datasheet HTML 5Page - Motorola, Inc 4N33 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4N29 4N29A 4N30 4N31 4N32 4N33
4
Motorola Optoelectronics Device Data
0.1
Figure 7. Turn–On Switching Times
1
IF, LED INPUT CURRENT (mA)
10
100
1000
0.2
0.5
1
2
5
10
20
50
100
RL = 1000
100
10
0.1
1
IF, LED INPUT CURRENT (mA)
10
100
1000
0.2
0.5
1
2
5
10
20
50
100
RL = 1000
100
10
Figure 8. Turn–Off Switching Times
VCC = 10 V
VCC = 10 V
0
Figure 9. DC Current Gain (Detector Only)
IB = 0.7 µA
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2
4
6
8
10
12
14
2
4
6
8
10
12
14
16
18
20
IF = 0
0.6
µA
0.5
µA
0.4
µA
0.3
µA
0.2
µA
0.1
µA
0.01
Figure 10. Capacitances versus Voltage
1
V, VOLTAGE (VOLTS)
10
100
0.1
1
10
100
CEB
CCB
CLED
f = 1 MHz
CCE
TEST CIRCUIT
VCC = 10 V
IF = 200 mA
INPUT
RL
OUTPUT
WAVEFORMS
10%
90%
ton
INPUT PULSE
OUTPUT PULSE
tf
toff
tr
Figure 11. Switching Time Test Circuit and Waveforms
PULSE WIDTH
< 1 ms
IC = 50 mA


Similar Part No. - 4N33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N33 VISHAY-4N33 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
logo
QT Optoelectronics
4N33 QT-4N33 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
4N33 SIEMENS-4N33 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Toshiba Semiconductor
4N33 TOSHIBA-4N33 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
Fairchild Semiconductor
4N33 FAIRCHILD-4N33 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N33

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
CASE 29-04,STYLE 2 TO-92(TO-226AA)
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
CASE 29-04, STYLE 22 TO-92 (TO-226AA)
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
STANDARD THRU HOLE CASE 730A-04
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
Thru - Hole Crystals
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
DUAL THRU HOLE
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
04-SRJ10
logo
3M Electronics
529-04-50 3M-529-04-50 Datasheet
57Kb / 1P
3M??Adapter 529-04-50, 110-120 VAC, 1 EA/Case
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
THRU-HOLE TCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com