Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGX-41F2D380A4ZSG Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # SGX-41F2D380A4ZSG
Description  SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SGX-41F2D380A4ZSG Datasheet(HTML) 2 Page - American Zettler, Inc.

  SGX-41F2D380A4ZSG Datasheet HTML 1Page - American Zettler, Inc. SGX-41F2D380A4ZSG Datasheet HTML 2Page - American Zettler, Inc. SGX-41F2D380A4ZSG Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SGX-41F
1D
240
A
4
Z
S
G
MODEL
INPUT
OPERATING
LOAD
LOAD
ZERO CROSS OUTPUT DEVICE
PACKAGE
VOLTAGE
VOLTAGE RANGE
TYPE
CURRENT
OR RANDOM
1D: 3 TO 15 Vdc
240:48 TO 264 Vac
A: AC LOAD
4: 4A
Z: Zero cross
S: SCR
G: epoxy
2D: 15 to 32 Vdc
380: 48 to 400 Vac
turn on
Nil: Triac
P: Random
turn on
MECHANICAL DATA
INSTALLATION
1.
When mounting the relays side by side, provide a space equivalent
to the width of a single SSR between two adjacent SSRs.
Otherwise, reduce the load current flow to 1/2 to 1/3 of the rated cur-
rent.
PRECAUTIONS
1.
Before connecting a load that generates a high surge current,
such as a lamp load to the SSR, make sure that the SSR can
withstand the surge current of the load.
2.
The product data sheet shows the non-repetitive peak value of
the surge current that flows through the SSR. Normally, use 1/2
of the non-repetitive peak surge current as the standard value. If
a surge current exceeding that value is expected, connect a
quick-blowing fuse to protect the SSR.
0.200
[5.1]
0.700
[17.8]
1.100
[27.9]
.100
[2.54]
Ø0.047
[1.2]
1.724MAX
[43.8]
1.043MAX
[26.5MAX]
.118MAX
[3.0]
.370
[9.4]
.201
[5.1]
.701
[17.8]
1.098
[27.9]
.374MAX
[9.5]
Ø.039
[1.0]
.098MAX
[2.5]
-4
+3
2
1
Input control
Load
Power supply
SGX-41F
3/29/06W
RELAY ORDERING DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Outline Dimensions
Wiring Diagram
PC Board Layout


Similar Part No. - SGX-41F2D380A4ZSG

ManufacturerPart #DatasheetDescription
logo
SGX Sensortech
SGX-4CL2 SGX-SGX-4CL2 Datasheet
288Kb / 2P
   Industrial CL2 Sensor
SGX-4CO-LC SGX-SGX-4CO-LC Datasheet
319Kb / 3P
   Industrial Carbon Monoxide (CO) Sensor
26-Mar-2020
More results

Similar Description - SGX-41F2D380A4ZSG

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
SGX-1505FB AZETTLER-SGX-1505FB Datasheet
338Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
SG-34F AZETTLER-SG-34F Datasheet
387Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
   THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
Aeroflex Circuit Techno...
CT2100-400 AEROFLEX-CT2100-400 Datasheet
191Kb / 6P
   CT2100-400 MICROPROCESSOR CONTROLLED QUAD SOLID STATE RELAY
logo
California Eastern Labs
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com