Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGX-41F2D380A4ZSG Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # SGX-41F2D380A4ZSG
Description  SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SGX-41F2D380A4ZSG Datasheet(HTML) 1 Page - American Zettler, Inc.

  SGX-41F2D380A4ZSG Datasheet HTML 1Page - American Zettler, Inc. SGX-41F2D380A4ZSG Datasheet HTML 2Page - American Zettler, Inc. SGX-41F2D380A4ZSG Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SGX-41F
3/29/06W
SOLID STATE RELAY
4 AMPS
48 TO 400 VRMS
FEATURES
• Photo isolation
• Up to 800V blocking voltage
• Both zero cross or random turn-on
• High surge capability
• Built-in snubber
• UL, CUR file E43203
• SCR or Triac Output Circuitry
• RoHS compliant
Random Turn On (DC input): 1 ms
Zero Cross Turn On (DC input): 1/2 cycles + 1 ms
AC Input: 20 ms
DC Input: 1/2 cycle + 1 ms
AC Input: 40 ms
INPUT
Type
1D
2D
Control Voltage Range
3 to 15 VDC
15 to 32 VDC
Turn On Voltage
3 VDC max.
15 VDC max.
Turn Off Voltage
1 VDC min.
1 VDC min.
Max. Input Current
40 mA at 15 VDC
20 mA at 32 VDC
Max. Reverse Voltage
-15 VDC
-32 VDC
OUTPUT
Type
240
380
Output Voltage Range
48 to 264 VAC
48 to 400 VAC
Blocking Voltage
600 Vpk
800 Vpk
Max. Leakage Current (off)
5 mA
5 mA
Max. Voltage Drop (at rated current)
1.7 VRMS
Min. Load Current
100 mA
Max. Turn-On Time
Max. Turn-Off Time
Min. Off-State (dv/dt)
Triac: 200 V/us / SCR: 500 V/us
GENERAL
Dielectric Strength
4000 Vrms min. (at 50/60 Hz, 1 min.)
Insulation Resistance
1000 Min. (at 500 VDC)
Ambient Temperature
Operating: -30°C (-22°F) to 80°C (176°F)
Storage: -30°C (122°F) to 100°C (212°F)
Termination
PCB
Weight
15g


Similar Part No. - SGX-41F2D380A4ZSG

ManufacturerPart #DatasheetDescription
logo
SGX Sensortech
SGX-4CL2 SGX-SGX-4CL2 Datasheet
288Kb / 2P
   Industrial CL2 Sensor
SGX-4CO-LC SGX-SGX-4CO-LC Datasheet
319Kb / 3P
   Industrial Carbon Monoxide (CO) Sensor
26-Mar-2020
More results

Similar Description - SGX-41F2D380A4ZSG

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
SGX-1505FB AZETTLER-SGX-1505FB Datasheet
338Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
SG-34F AZETTLER-SG-34F Datasheet
387Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
   THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
Aeroflex Circuit Techno...
CT2100-400 AEROFLEX-CT2100-400 Datasheet
191Kb / 6P
   CT2100-400 MICROPROCESSOR CONTROLLED QUAD SOLID STATE RELAY
logo
California Eastern Labs
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com