Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS280DRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS280DRE4
Description  9-BIT PARITY GENERATORS/CHECKERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS280DRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS280DRE4 Datasheet HTML 1Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 2Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 3Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 4Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 5Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 6Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 7Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 8Page - Texas Instruments SN74ALS280DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74ALS280, SN74AS280
9-BIT PARITY GENERATORS/CHECKERS
SDAS038C – DECEMBER 1982 – REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
A
B
C
D
E
F
G
H
I
8
9
10
11
12
13
1
2
4
5
6
Σ EVEN
Σ ODD
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74ALS280
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - SN74ALS280DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS280DRE4 TI-SN74ALS280DRE4 Datasheet
487Kb / 14P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKETS
More results

Similar Description - SN74ALS280DRE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com