Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5822 Datasheet(PDF) 6 Page - Motorola, Inc

Part # 1N5822
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5822 Datasheet(HTML) 6 Page - Motorola, Inc

  1N5822 Datasheet HTML 1Page - Motorola, Inc 1N5822 Datasheet HTML 2Page - Motorola, Inc 1N5822 Datasheet HTML 3Page - Motorola, Inc 1N5822 Datasheet HTML 4Page - Motorola, Inc 1N5822 Datasheet HTML 5Page - Motorola, Inc 1N5822 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1N5820 1N5821 1N5822
6
Rectifier Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. CATHODE
2. ANODE
1
2
K
A
K
D
B
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.370
0.380
9.40
9.65
B
0.190
0.210
4.83
5.33
D
0.048
0.052
1.22
1.32
K
1.000
–––
25.40
–––
CASE 267–03
ISSUE C
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
1N5820/D


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5822 PANJIT-1N5822 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
STMicroelectronics
1N5822 STMICROELECTRONICS-1N5822 Datasheet
63Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
July 1999 - Ed: 2A
logo
Surge Components
1N5822 SURGE-1N5822 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
1N5822 TRSYS-1N5822 Datasheet
159Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
36Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
GOOD-ARK Electronics
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
DIYI Electronic Technol...
MBR4040CGD DYELEC-MBR4040CGD Datasheet
1Mb / 3P
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF40150AT SKTECHNOLGY-MBRF40150AT Datasheet
552Kb / 3P
40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com