Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4V3HC Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # 4V3HC
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V3HC Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  4V3HC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
Characteristics at Tj = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max. at lZT
lZT (mA)
IR (µA) Max.
VR (V)
16HC
15.3
17.1
16HCA
14.87
15.5
16HCB
15.33
15.96
16HCC
15.79
16.5
10
18
10
0.2
12
18HC
16.8
19.1
18HCA
16.34
17.06
18HCB
16.9
17.67
18HCC
17.51
18.3
10
23
10
0.2
13
20HC
18.8
21.6
20HCA
18.11
18.92
20HCB
18.73
19.57
20HCC
19.38
20.22
20HCD
19.88
20.72
10
28
10
0.2
15
22HC
20.8
23.3
22HCA
20.23
21.08
22HCB
20.76
21.65
22HCC
21.22
22.09
22HCD
21.68
22.61
5
30
5
0.2
17
24HC
21.8
25.6
24HCA
22.26
23.12
24HCB
22.75
23.73
24HCC
23.29
24.27
24HCD
23.81
24.81
5
35
5
0.2
19
27HC
25.1
28.9
27HCA
24.26
25.52
27HCB
24.97
26.26
27HCC
25.63
26.95
27HCD
26.29
27.64
5
45
5
0.2
21
30HC
28
32
30HCA
26.99
28.39
30HCB
27.7
29.13
30HCC
28.36
29.82
30HCD
29.02
30.51
5
55
5
0.2
23
33HC
31
35
33HCA
29.68
31.22
33HCB
30.32
31.88
33HCC
30.9
32.5
33HCD
31.49
33.11
5
65
5
0.2
25
1) Tested with pulse tp = 20 ms.


Similar Part No. - 4V3HC

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
4V3HS SEMTECH_ELEC-4V3HS Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V3HSA SEMTECH_ELEC-4V3HSA Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V3HSB SEMTECH_ELEC-4V3HSB Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
4V3HSC SEMTECH_ELEC-4V3HSC Datasheet
273Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 4V3HC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com