Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5820 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 1N5820
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5820 Datasheet(HTML) 3 Page - Motorola, Inc

  1N5820 Datasheet HTML 1Page - Motorola, Inc 1N5820 Datasheet HTML 2Page - Motorola, Inc 1N5820 Datasheet HTML 3Page - Motorola, Inc 1N5820 Datasheet HTML 4Page - Motorola, Inc 1N5820 Datasheet HTML 5Page - Motorola, Inc 1N5820 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5820 1N5821 1N5822
3
Rectifier Device Data
Figure 1. Maximum Reference Temperature
1N5820
Figure 2. Maximum Reference Temperature
1N5821
Figure 3. Maximum Reference Temperature
1N5822
Figure 4. Steady–State Thermal Resistance
15
2.0
VR, REVERSE VOLTAGE (VOLTS)
115
125
105
30
4.0
VR, REVERSE VOLTAGE (VOLTS)
125
115
105
95
85
75
L, LEAD LENGTH (INCHES)
1/8
0
25
20
15
10
5.0
0
2/8
40
95
85
75
5.0
3.0
4.0
7.0
10
20
5.0
7.0
10
15
20
3/8
4/8
5/8
6/8
7/8
1.0
40
35
30
BOTH LEADS TO HEAT SINK,
EQUAL LENGTH
MAXIMUM
TYPICAL
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
15
VR, REVERSE VOLTAGE (VOLTS)
115
105
95
85
75
5.0
3.0
4.0
7.0
10
20
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
125
30
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0


Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
1N5820 VISHAY-1N5820 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.0 A
Revision: 06-Nov-08
More results

Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
GOOD-ARK Electronics
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Kersemi Electronic Co.,...
MBRF30L45CTG KERSEMI-MBRF30L45CTG Datasheet
489Kb / 6P
   DUAL SCHOTTKY BARRIER RECTIFIERS 30 AMPERES, 45 VOLTS
logo
DIYI Electronic Technol...
MBR4040CGD DYELEC-MBR4040CGD Datasheet
1Mb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SHIKUES Electronics
MBRF40150AT SKTECHNOLGY-MBRF40150AT Datasheet
552Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF4040CTD DYELEC-MBRF4040CTD Datasheet
879Kb / 3P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com