Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3400CTQ48 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK3400CTQ48
Description  10-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3400CTQ48 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK3400CTQ48 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
220µF
220µF
CLC3800
IN1
OUT1
IN2
IN3
OUT3
+Vs
OUT2
GND
75Ω
75Ω
75Ω
75Ω
220µF
75Ω
75Ω
75Ω
75Ω
75Ω
CDK3400/
CDK3401
IOR
IOB
IOG
AC-Coupling Caps
are Optional
DVD Player or STB
R
G
B
+3V or +5V
0.1µF
1.0µF
8
7
6
5
1
2
3
4
75Ω
Video Cables
75Ω
75Ω
330Ω
330Ω
CDK3400/
CDK3401
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
330Ω
330Ω
CDK3400/
CDK3401
IOR
IOB
IOG
75Ω
Video Cables
+
-
+Vs
-Vs
75Ω
1/3
CLC3605
75Ω
75Ω
75Ω
Video Cables
75Ω
75Ω
75Ω
Video Cables
Figure 6. Standard Definition Video Output Circuit Diagram
Figure 7. Graphics Output Driver Circuit Diagram
Figure 8. Standard Definition Video Distribution Circuit Diagram
Typical Application Diagrams


Similar Part No. - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Integrated Circuit Syst...
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Cadeka Microcircuits LL...
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
8-bit, 100/150MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
10-bit, 100/150MSPS, Triple Video DACs
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com