Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3400CTQ48 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK3400CTQ48
Description  10-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3400CTQ48 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK3400CTQ48 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
rGB9-0 (MsB…lsB)
Blue anD reD D/as
Green D/a
sYnc
BlanK
Vout
sYnc
BlanK
Vout
11 1111 1111
X
1
0.7140
1
1
1.0000
11 1111 1111
X
1
0.7140
0
1
0.7140
11 1111 1110
X
1
0.7134
1
1
0.9994
11 1111 1101
X
1
0.7127
1
1
0.9987
10 0000 0000
X
1
0.3843
1
1
0.6703
01 1111 1111
X
1
0.3837
1
1
0.6697
00 0000 0010
X
1
0.0553
1
1
0.3413
00 0000 0001
X
1
0.0546
1
1
0.3406
00 0000 0000
X
1
0.0540
1
1
0.3400
XX XXXX XXXX
X
0
0.0000
1
0
0.2860
XX XXXX XXXX
X
0
0.0000
0
0
0.0000
Table 1. Output Voltage vs. Input Code, SYNC and BLANK, VREF = 1.235V, RREF = 590Ω, RL = 37.5Ω
CLK
Pixel Data
and Controls
OUTPUT
Data N+2
Data N+1
Data N
tPWL
ts
tH
50%
3%/FS
90%
10%
tF
tR
tPWH
1/fs
tD
tSET
Figure 1. CDK3400/3401 Timing Diagram


Similar Part No. - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
   8-bit, 100/150MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com