Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB15SKW01-A Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB15SKW01-A
Description  Subminiature Pushbuttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB15SKW01-A Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB15SKW01-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Pushbuttons
Series HB
SHAPES & PANEL CUTOUT
HOUSING
CONTACT MATERIALS, RATINGS, & TERMINALS
S
.354” (9.0mm)
Square
The bezel is an integral part of the switch body.
.354” (9.0mm)
Round
Recommended
Panel Thickness:
.020 ~ .197”
(0.5 ~ 5.0mm)
Silver Contacts
Power Level
0.1A maximum @ 30V AC/DC
W01
K
Housing available in black only.
C
(8.0) Dia
.315
Socket wrench AT110 may be used for
mounting. Overtightening the mounting nut
AT073 may damage the switch housing.
(5.0)
.197
(1.8)
.071
(1.0)
.039
(2.0)
.079
Thk = (0.3)
.012
PCB Mounting
Solder lug terminals are spaced .100” x .200” (2.54mm x 5.08mm).
This enables PCB mounting which can be accomplished by elongating
PC board holes to .080” (2.03mm).
Material: Polycarbonate
Finish: Glossy
CAP TYPES & COLORS
Cap Colors Available:
A
Black
(Square only)
AT4035
Square
AT4036
Round
C
Red
F
Green
B
White
E
Yellow
G
Blue
TYPICAL SWITCH DIMENSIONS
Square
Single Pole
Round
Single Pole
HB15SKW01-C
HB16CKW01-C
(4.5)
.177
(4.8)
.189
(7.4) Sq
.291
(4.8)
.189
(4.5)
.177
(7.4) Dia
.291
L(+) L(-)
(2.54) Typ
.100
(2.54) Typ
.100
COM
NC
NO
2
3
1
(5.3)
.209
(5.0)
.197
(10.0)
.394
(15.5)
.610
(7.0)
.276
(5.0)
.197
(0.5)
.020
(1.8)
.071
(0.3) Typ
.012
(1.0) x (2.0) Typ
.039 x .079
M8P0.75
(3.5)
.138
Latchdown Position
(1.3)
.051
(7.4) Sq
.291
(9.0) Sq
.354
(7.4) Dia
.291
(9.0) Dia
.354
(5.3)
.209
(5.0)
.197
(10.0)
.394
(15.5)
.610
(7.0)
.276
(5.0)
.197
(0.5)
.020
(1.8)
.071
(0.3) Typ
.012
(1.0) x (2.0) Typ
.039 x .079
M8P0.75
(3.5)
.138
Latchdown Position
(1.3)
.051
L(+) L(-)
(2.54) Typ
.100
(2.54) Typ
.100
COM
NC
NO
2
3
1


Similar Part No. - HB15SKW01-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
163Kb / 6P
Subminiature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
177Kb / 6P
General Specifications
More results

Similar Description - HB15SKW01-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
Process Sealed Subminiature Antistatic Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
Subminiature Smooth Actuation Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
Subminiature Audio/Video Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
Subminiature Smooth Actuation Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
Subminiature Pushbuttons
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
Subminiature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com