Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHLM339 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SHLM339
Description  Differential Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SHLM339 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SHLM339 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SHLM339 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SHLM339 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SHLM339 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
The
SHLM339 consists of for independent voltage comparators, designed specifically to operate from a single
power supply over a wide voltage range.
Features
*Single or dual supply operation.
*Wide operating supply range (Vcc=2V~36V).
*Input common-mode voltage includes ground.
*Low supply current drain ICC =0.8mA (Typical).
*Low input bias current Ibias=25nA (Typical)
*Output compatible with TTL, DTL, and CMOS logic system.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
5.334
c1
0.203
0.279
A1
0.381
-
D
18.92
19.69
A2
3.175
3.429
E
6.096
6.604
b
0.406
0.508
E1
7.493
8.001
b1
0.356
0.508
e
2.413
2.667
b2
1.270
1.778
HE
8.509
9.525
c
0.203
0.356
L
3.175
3.683
S
0
15
Pin Configurations
Block Diagram
Absolute Maximum Ratings at Ta = 25 ::
::
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
±18 or 36
V
Differential Input Voltage
Vi(Diff)
36
V
Input voltage
VIN
-0.3~36
V
Power Dissipation
PD
570
mW
Operating Temperature
Topr
0 ~ +70
:
Storage Temperature
Tstg
-65 ~ 150
:
SHLM339
Quad
Differential Comparator
Elektronische Bauelemente
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2007 Rev. A
Page 1 of 4


Similar Part No. - SHLM339

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SHLM324 SECOS-SHLM324 Datasheet
593Kb / 4P
   Operational Amplifier
More results

Similar Description - SHLM339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712D TI-TL712D Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
   Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
   Differential Comparator
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com