Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB15AP-FA Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # BB15AP-FA
Description  Process Sealed Subminiature Antistatic Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

BB15AP-FA Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  BB15AP-FA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. BB15AP-FA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. BB15AP-FA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. BB15AP-FA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. BB15AP-FA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. BB15AP-FA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Pushbuttons
Series BB
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
SPDT
ON-(ON) Circuit
Right Angle PC Terminals
Black .201” (5.1mm)
Diameter Cap
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
BB15AH-FA
PLUNGER
A
.213” (5.4mm) Long
CAP COLORS
A
Black
B
White
C
Red
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action has Latchdown.
BB16 has a Double Pole case.
CAPS
F
.201” (5.1mm) Diameter
H
.295” (7.5mm) Diameter
1
BB
A
5
H
F
A
.213” (5.4mm) Long
White Plunger
PC TERMINALS
P
Straight
B
Straight with Bracket
H
Right Angle with Bracket
V
Vertical with Bracket
W
Straight Long
*Bracketed models are ESD protected
*
*
*


Similar Part No. - BB15AP-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB15AP-FA ETC1-BB15AP-FA Datasheet
1Mb / 6P
   MOMENTARY & ALTERNATE/ANTISTATIC/WASHABLE
More results

Similar Description - BB15AP-FA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B12AP NKK-B12AP Datasheet
299Kb / 8P
   Process Sealed Subminiature Antistatic Toggles
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com