Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5ULM2596 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # S5ULM2596
Description  Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5ULM2596 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  S5ULM2596 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
6 of 8
tage does not sag below the minimum dropout voltage during the load
V higher than Vout in order for the device to
Description
GND
Typically a large storage capacitor is connected from this pin to ground to insure that the input
1.3V
or open= output enable.
NC
Operating Quiescent Current
Shutdown Quiescent Current
Minimum Operating Supply Voltage
ON/OFF Threshold Voltage
ON/OFF Pin Current (Sinking)
Switching Frequency
S5ULM2596
Simple Switcher Power Converter
150KHz 3A Step-Down Voltage Regulator


Similar Part No. - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results

Similar Description - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com