Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5ULM2596 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # S5ULM2596
Description  Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5ULM2596 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  S5ULM2596 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 5 of 8
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Typical Performance Characteristics (circuit of Figure 2)
Normalized Output Voltage
Line Regulator
Efficiency
Switch Saturation Voltage
Switch Current Limit
Dropout Voltage
S5ULM2596
Simple Switcher Power Converter
150KHz 3A Step-Down Voltage Regulator


Similar Part No. - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
More results

Similar Description - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
Simple Switcher 3A Step- Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
Simple Switcher 3A Step- Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com