![]() |
Electronic Components Datasheet Search |
|
S5ULM2596 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH |
|
|
S5ULM2596 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH |
4 / 8 page ![]() Elektronische Bauelemente 01-Jun-2002 Rev. A Page 4 of 8 http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual All Output Voltage Version Electrical Characteristics Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range. Unless otherwise specified, VIN=12V for the 3.3V, 5.0V and Adjustable versions, VIN=24V for 12V version. ILOAD=0.5A Parameter Symbol Conditions Min (Note4) Typ (Note3) Max (Note4) Unit Feedback bias current Ib VFB=1.3V (adjustable version only) - 10 50/00 nA Oscillator frequency fO (Note 6) 127/110 150 173/173 kHz Saturation voltage VSAT ILOAD=3A (Note 7, 8) - 1.16 1.4/1.5 V Maximum duty cycle (ON) (OFF) DC (Note 8) (Note 9) - 100 0 - % Current limit ICL Peak Current (Note 7, 8) 3.6/3.4 4.5 6.9/7.5 A Output=0V(Note 7, 9) - - 50 uA Output leakage current IL Output=-1V (Note 10) - 2 30 mA Quiescent current IQ (Note 9) - 5 10 mA Standby quiescent current ISTBY ON/OFF pin=5V (OFF)(Note 10) - 80 200/250 uA JC Junction to Case - 2 - Thermal Resistance JA Junction to Ambient (Note 11) - 50 - :/W ON/OFF Control Test Circuit Figure 2 - 1.3 - VIH Low (Regulator ON) - 0.6 ON/OFF pin logic input Threshold Voltage VIL High (Regulator OFF) 2.0 - - V IH VLOGIC=2.5V ( Regulator OFF) - 5 15 ON/OFF pin input current IL VLOGIC=0.5V ( Regulator ON) - 0.02 5 uA Note 1: Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for which the device is intended to be functional, but do not guaranteed specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. Note 2: The human body mode is a 100pF capacitor discharged through a 1.5k resistor into each pin. Note 3: Typical number are at 25 : and represent the most likely norm. Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) method. All limits are used to calculate Average Outgoing Quality Level (AOQL). Note 5: External component such as the catch diode, inductor, input and output capacitors, and voltage programming resistor can affect switching regulator system performance. When the G5ELM2596 is used as shutdown in the Figure 1 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics. Note 6: The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the severity of current over-load. Note 7: No diode, inductor or capacitor connected to output pin. Note 8: Feedback pin removed from output and connected to 0V to force the output transistor switch ON. Note 9: Feedback pin removed from output and connected to 12V for the Adjustable, 3.3V and 5V versions, and 15V for the 12V version, to force the output transistor switch OFF. Note 10: VIN=40V. Note 11: Junction to ambient thermal resistance (no external heat sink) for To-220 package mounted vertically, with the leads soldered to a printed circuit board with (1 oz.) copper area of approximately 1 in2. S5ULM2596 Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator |
Similar Part No. - S5ULM2596 |
|
Similar Description - S5ULM2596 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |