Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5ULM2596 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S5ULM2596
Description  Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5ULM2596 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S5ULM2596 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH S5ULM2596 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
01-Jun-2002 Rev. A
Page
3 of 8
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Absolute Maximum Ratings (Note1)
Parameter
Ratings
Unit
Maximum Supply Voltage
45
V
ON/OFF pin input Voltage
-0.3 V +25
V
Feedback pin Voltage
-0.3 V +25
V
Output Voltage to ground (steady state)
-1
V
Power dissipation
Internally Limited
Storage Temperature
-65 ~ +150
:
Maximum junction temperature
+150
:
Minimum ESD rating (C=100pF, R=1.5k )
2k
V
Lead temperature (soldering, 10seconds)
+260
:
Operating Ratings
Parameter
Ratings
Unit
Temperature range
-40 TJ +125
:
Supply Voltage
4.5 ~ 40
V
S
5ULM2596-3.3 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
(Note4)
Typ
(Note3)
Max
(Note4)
Unit
System Parameters (Note5) Test Circuit Figure 2
Output Voltage
VOUT 4.75V V
IN
40V
0.2A ILOAD 3A
3.168/3.135
3.3
3.432/3.465
V
Efficiency
VIN=12V, ILOAD=3A
73
%
S
5ULM2596-5.0 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
(Note4)
Typ
(Note3)
Max
(Note4)
Unit
System Parameters (Note5) Test Circuit Figure 2
Output Voltage
VOUT 7V V
IN
40V
0.2A ILOAD 3A
4.80/4.75
5.0
5.20/5.25
V
Efficiency
VIN=12V, ILOAD=3A
80
%
S
5ULM2596-12 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
(Note4)
Typ
(Note3)
Max
(Note4)
Unit
System Parameters (Note5) Test Circuit Figure 2
Output Voltage
VOUT 15V V
IN
40V
0.2A ILOAD 3A
11.52/11.40
12
12.48/12.60
V
Efficiency
VIN=15V, ILOAD=3A
90
%
S
5
ULM2596 Electrical Characteristics
Specifications with standard type face are for TJ=25 : , and those with boldface type apply over full operating temperature range
Parameter
Symbol
Conditions
Min
(Note4)
Typ
(Note3)
Max
(Note4)
Unit
System Parameters (Note5) Test Circuit Figure 2
Output Voltage
VOUT 4.5 V
IN
40V, 0.2A ILOAD 3A
VOUT=3V, Circuit of Figure 2
1.193/1.180 1.230 1.267/1.280
V
Efficiency
VIN=12V, ILOAD=3A, VOUT=3V
77
%
S5ULM2596
Simple Switcher Power Converter
150KHz 3A Step-Down Voltage Regulator


Similar Part No. - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results

Similar Description - S5ULM2596

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com