Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L02 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA178L02
Description  3-terminal Fixed Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L02 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA178L02 Datasheet HTML 1Page - Renesas Technology Corp HA178L02 Datasheet HTML 2Page - Renesas Technology Corp HA178L02 Datasheet HTML 3Page - Renesas Technology Corp HA178L02 Datasheet HTML 4Page - Renesas Technology Corp HA178L02 Datasheet HTML 5Page - Renesas Technology Corp HA178L02 Datasheet HTML 6Page - Renesas Technology Corp HA178L02 Datasheet HTML 7Page - Renesas Technology Corp HA178L02 Datasheet HTML 8Page - Renesas Technology Corp HA178L02 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HA178L02/56/06/09/10 Series
REJ03D0918-0100 Rev.1.00 Jan 16, 2009
Page 7 of 8
HA178L10
(VIN = 16 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 μF, COUT = 0.1 μF)
HA178L10P
HA178L10
HA178L10PA
HA178L10A
HA178L10UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
9.35
10
10.65
9.6
10
10.4
V
Tj = 25°C
80
230
80
230
12.5 V
≤ V
IN ≤ 25 V
Line regulation
ΔV
OLINE
30
170
30
170
mV
Tj = 25°C
13 V
≤ V
IN ≤ 25 V
26
26
1.0 mA
≤ I
OUT ≤ 150 mA
18
90
18
90
1.0 mA
≤ I
OUT ≤ 100 mA
Load regulation
ΔV
OLOAD
8.5
45
8.5
45
mV
Tj = 25°C
1.0 mA
≤ I
OUT ≤ 40 mA
9.2
10.8
9.5
10.5
12.5 V
≤ V
IN ≤ 25 V,
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
VOUT
9.2
10.8
9.5
10.5
V
VIN = 16 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.1
6.5
3.1
6.5
mA
Tj= 25°C
1.5
1.5
13 V
≤ V
IN ≤ 25 V, Tj = 25°C
Quiescent current
change
ΔI
Q
0.2
0.1
mA
1.0 mA
≤ I
OUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
54
54
dB
f = 120 Hz, 13 V
≤ V
IN < 24 V,
Tj = 25°C
Temperature
coefficient of output
voltage
ΔV
OUT/ΔTj
–0.2
–0.2
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C


Similar Part No. - HA178L02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L02 HITACHI-HA178L02 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L02UA HITACHI-HA178L02UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178L02

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com