Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDX-02ADCB1AA Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # MDX-02ADCB1AA
Description  Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-02ADCB1AA Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  MDX-02ADCB1AA Datasheet HTML 1Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 2Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 3Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
1
1
Specifications are worst case end of life over specified temperature and wavelength range.
2
Parameter
2 Channel
4 Channel
Optical Characteristics
CWDM add or drop insertion loss
Maximum
2.5 dB
3.3 dB
1310 nm add or drop insertion loss
Maximum
1.5 dB
1.5 dB
Through path inserton loss (COM E — COM W)
Maximum
3.6 dB
3.8 dB
Monitor tap ratio
Nominal
2%
1310 nm channel bandwidth
Minimum
1260 nm to 1360 nm
CWDM reflect bandwidth
Minimum
1463.5 nm to 1617.5 nm
CWDM channel bandwidth
Minimum
ITU
λ ±6.5 nm
Channel flatness
Maximum
0.5 dB
Isolation
Adjacent 20 nm spaced channels
Minimum
40 dB
Non-adjacent 20 nm spaced channels
Minimum
45 dB
Dropped channel rejection at CWDM
Minimum
30 dB
Dropped channel rejection at 1310 nm
Minimum
50 dB
1310 nm band from CWDM channels
Minimum
50 dB
CWDM channels from 1310 nm band
Minimum
50 dB
Optical return loss
Minimum
40 dB
Input optical power — sum of all channel ports
Maximum
1 W
Polarization dependent loss (PDL)
Maximum
0.2 dB
Polarization mode dispersion (PMD)
Maximum
0.2 ps
Physical Characteristics
Size (H x W x L)
129.5 x 57.7 x 160.3 mm
129.5 x 86.9 x 160.0 mm
(5.10 x 2.28 x 6.36 in)
(5.10 x 3.42.x 6.30 in)
Optical connector type (all ports)
SC/PC bulkhead
Weight
0.91 kg (2 lb)
1.36 kg (3 lb)
Environmental Characteristics
Minimum
Maximum
Operating ambient temperature
–40ºC65ºC
Storage temperature
–40ºC85ºC
Relative humidity (non-condensing)
5%
95%
OSP CWDM OADM MODULE


Similar Part No. - MDX-02ADCB1AA

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU01A JDSU-MDX-02ADCU01A Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU02A JDSU-MDX-02ADCU02A Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU1BA JDSU-MDX-02ADCU1BA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU2AA JDSU-MDX-02ADCU2AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
More results

Similar Description - MDX-02ADCB1AA

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-04UXC001A JDSU-MDX-04UXC001A Datasheet
220Kb / 4P
Outside Plant CWDM Universal Multiplexer Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
CWDM Passive Optical Add/Drop Multiplexers
logo
Finisar Corporation.
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
CWDM OADM-1 Optibox Module
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
CWDM OADM-4 Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
Single Channel CWDM OADM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com