Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDX-02ADCB1AA Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # MDX-02ADCB1AA
Description  Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-02ADCB1AA Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  MDX-02ADCB1AA Datasheet HTML 1Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 2Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 3Page - JDS Uniphase Corporation MDX-02ADCB1AA Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WaveReady
TM
Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM) Module
Key Features
• Adds and drops two or four CWDM channels on a single
fiber
• Reusable dropped wavelengths in adjoining spans add
protection or double capacity in a ring
• Extended temperature range makes operation suitable for
outside plant (OSP) cabinet installations
• Ultra-high isolation design eliminates need for channel
power balancing
• Fits into standard LGX™ mounting solutions
• Requires no powering because of thermally stable passive
optics
The WaveReady™ Outside Plant Coarse Wavelength Division Multiplexer Optical
Add/Drop Module (OSP CWDM OADM) is a flexible, low-cost solution that
enables capacity expansion of existing fiber. Coupled with highly reliable passive
optics that are certified for environmentally hardened applications, the OSP
CWDM OADM lets carriers make full use of the fiber’s available bandwidth in the
local loop.
The OSP CWDM OADM is a universal device configurable for either bidirec-
tional transport over a single fiber or unidirectional transport over a fiber pair.
This family of parts supports a broad range of wavelength-protected
architectures, including dual-homed bus and protected rings over one or two
fibers. The market-standard LGX packaging allows the OSP CWDM OADM to be
readily deployed into existing fiber distribution frames (FDF), or alternatively
adapted for installation in WaveReady shelves.
The OSP CWDM OADM interoperates with both the WaveReady line of trans-
ponder and optical regenerator solutions as well as CWDM transponders and
small form-factor pluggables (SFPs) used in widely available transmission
equipment. With billions of field operating hours, the industry-leading JDSU
optical multiplexing technology offers unparalleled reliability and leading
performance.
Applications
• Maximize fiber in local loop
• Overlays CWDM with existing
1310 nm transmission systems
• Provides bidirectional transmission
on a single fiber
• Supports linear and ring architec-
tures requiring wavelength reuse
Compliance
• Channel-plan compliant with
ITU-T G694.2
• NEBS Level 3
COMMUNICATIONS MODULES & SUBSYSTEMS
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com/waveready
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - MDX-02ADCB1AA

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU01A JDSU-MDX-02ADCU01A Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU02A JDSU-MDX-02ADCU02A Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU1BA JDSU-MDX-02ADCU1BA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-02ADCU2AA JDSU-MDX-02ADCU2AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
More results

Similar Description - MDX-02ADCB1AA

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-02ADCU1AA JDSU-MDX-02ADCU1AA Datasheet
195Kb / 4P
Outside Plant CWDM Optical Drop Module
MDX-04UXC001A JDSU-MDX-04UXC001A Datasheet
220Kb / 4P
Outside Plant CWDM Universal Multiplexer Module
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
CWDM Passive Optical Add/Drop Multiplexers
logo
Finisar Corporation.
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
CWDM OADM-1 Optibox Module
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
CWDM OADM-4 Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
Single Channel CWDM OADM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com