Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWSF-OADM-4-1 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWSF-OADM-4-1
Description  CWDM OADM-4 Plug-in Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-OADM-4-1 Datasheet(HTML) 2 Page - Finisar Corporation.

  FWSF-OADM-4-1 Datasheet HTML 1Page - Finisar Corporation. FWSF-OADM-4-1 Datasheet HTML 2Page - Finisar Corporation. FWSF-OADM-4-1 Datasheet HTML 3Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F i n i s a r
OADM-4 Plug-in Module Parameter Specifications
Max Insertion Loss (dB)
Min Isolation (dB)
Passband
Add
Drop
Pass
Add
Drop
Pass
+/- 6.5nm
2.30
2.30
2.15
30
50
14
Note: Connector loss included
Front Panel
SC connector front panel
LC connector front panel
Dimensions (Unit: inch)
Finisar Shanghai Inc.
No. 66 Huiqing Rd., East Zhangjiang Hi-Tech Park, Shanghai,
China 201201
Main: +86-21-38559200
Fax: +86-21-68919894
Website: www.finisar.com
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Jan. 09 Rev. C


Similar Part No. - FWSF-OADM-4-1

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-1-47-LC FINISAR-FWSF-OADM-1-47-LC Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-1-49 FINISAR-FWSF-OADM-1-49 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-1-49-LC FINISAR-FWSF-OADM-1-49-LC Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-1-51 FINISAR-FWSF-OADM-1-51 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
More results

Similar Description - FWSF-OADM-4-1

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-W FINISAR-FWSF-OADM-W Datasheet
270Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
CWDM OADM-1 Optibox Module
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
CWDM MUX/DEMUX-4-EX Plug-in Module
logo
OPLINK Communications I...
COADMG_2X2-S0006 OPLINK-COADMG_2X2-S0006 Datasheet
291Kb / 2P
Green Single Channel CWDM OADM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com