Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG-240128C Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AG-240128C
Description  SPECIFICATIONS FOR LCD MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AG-240128C Datasheet(HTML) 3 Page - ZETTLER Electronics

  AG-240128C Datasheet HTML 1Page - ZETTLER Electronics AG-240128C Datasheet HTML 2Page - ZETTLER Electronics AG-240128C Datasheet HTML 3Page - ZETTLER Electronics AG-240128C Datasheet HTML 4Page - ZETTLER Electronics AG-240128C Datasheet HTML 5Page - ZETTLER Electronics AG-240128C Datasheet HTML 6Page - ZETTLER Electronics AG-240128C Datasheet HTML 7Page - ZETTLER Electronics AG-240128C Datasheet HTML 8Page - ZETTLER Electronics AG-240128C Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image

           

 
&'
#%(×)%%*+)%,
&'
-%%(./ 0./ !-#12 3 14 516 %. 7-2,
&'
8%!"#"!59 $%,
&'
2%% /-,
&:'
:;   %,2%#-#-< % !-#< ,
&'
"*%  %  % % ,


  
 
   


 

=
./  % !-#
>
./    % !-#
.
./  %< % !-#

0
0./ % !-#
!-#/ 

  %< % (< 
2
  %< % (< 
?
/ %< % (< 
@
/ %< % (< 
/
%< % (< 

A
%< % (< 
73 ;   
 
B%$%59 $%
!
:;!"#

"
"!
29 $%% 
 
B%$%59 $%
>
>    
2
2  

B
B$%  
29 $%
 
%  % % 
:
6
"*%  %  % % 
!-%  % % 




Similar Part No. - AG-240128C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG-240128A ETC-AG-240128A Datasheet
220Kb / 1P
   240 X 128 DOTS 1/128 DUTY
logo
ZETTLER Electronics
AG-240128B ZETTLER-AG-240128B Datasheet
194Kb / 17P
   SPECIFICATIONS FOR LCD MODULE
AG-240128G ZETTLER-AG-240128G Datasheet
328Kb / 19P
   SPECIFICATIONS FOR LCD MODULE
AG-240128I ZETTLER-AG-240128I Datasheet
228Kb / 18P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AG-240128C

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com