Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1527 Datasheet HTML 1Page - STMicroelectronics AN1527 Datasheet HTML 2Page - STMicroelectronics AN1527 Datasheet HTML 3Page - STMicroelectronics AN1527 Datasheet HTML 4Page - STMicroelectronics AN1527 Datasheet HTML 5Page - STMicroelectronics AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
s
void CcidClassRequestAbort(void)
This function is called from the USER_USB_Setup() function to process an Abort request.
s
unsigned char PC_to_RDR_IccPowerOn(void)
This function verifies the PC_TO_RDR_ICCPOWERON command format and calls the
IFD_IccPowerOn() function (from Interface Device level). If IFD_IccPowerOn() returns no
error, the message header is filled with the ATR length. This PC_to_RDR function returns an
error code.
s
unsigned char PC_to_RDR_IccPowerOff(void)
This function verifies the PC_TO_RDR_ICCPOWEROFF command format, switches off the
smartcard power supply and returns the NOERROR code.
s
unsigned char PC_to_RDR_GetSlotStatus(void)
This function verifies the PC_TO_RDR_GETSLOTSTATUS command format, verifies the slot
hardware state and returns the corresponding error code.
s
unsigned char PC_to_RDR_XfrBlock(void)
This function verifies the PC_TO_RDR_XFRBLOCK command format, checks the slot status
and returns an error if needed. If there is no error, it calls the IFD_XfrBlock() function (from the
Interface Device level). The message buffer contains the data to be transferred and is updated
by this IFD function. This PC_to_RDR function returns an error code.
s
unsigned char PC_to_RDR_GetParameters(void)
This function verifies the PC_TO_RDR_GETPARAMETERS command format, checks the
slot hardware state and returns the corresponding error code.
s
unsigned char PC_to_RDR_ResetParameters(void)
This function verifies the PC_TO_RDR_RESETPARAMETERS command format, fills the
m e ssage buffe r w ith the default v a lues of the r eader par a m e ters and c a lls the
IFD_SetParameters() function (from the Interface Device level). This PC_to_RDR function re-
turns an error code.
s
unsigned char PC_to_RDR_SetParameters(void)
This function verifies the PC_TO_RDR_SETPARAMETERS command format and calls the
IFD_SetParameters() function (from the Interface Device level). This PC_to_RDR function re-
turns an error code.


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
   SparkFun RFID USB Reader
6??0??7
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com