Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics AN1527 Datasheet HTML 10Page - STMicroelectronics AN1527 Datasheet HTML 11Page - STMicroelectronics AN1527 Datasheet HTML 12Page - STMicroelectronics AN1527 Datasheet HTML 13Page - STMicroelectronics AN1527 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
– CommandSize is the size of the buffer in bytes.
– ProtocolType is 0 (for T=0) or 1 (for T=1). This variable is used to set a flag tested in the
interrupt process at transmission and reception levels.
This function will return one of the following error codes:
– Slot_No_Error
– SlotError_ICC_Mute (if transfer not completed)
s
unsigned char ICC_ReceiveAnswerAsync(unsigned char * pReceiveBuffer, unsigned
int * pAnswerSize)
This function will receive a packet of bytes from the ICC with its waiting time already pro-
grammed.
– pReceiveBuffer is the address of the buffer to fill with the received data.
– pAnswerSize is the address of the data containing:
– Input: the size of the ReceiveBuffer in bytes.
– Output: the length in bytes of the received data written in the ReceiveBuffer.
This function will return one of the following error codes:
– Slot_No_Error
– SlotError_XFR_Overrun
– SlotError_ICC_Mute


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
   SparkFun RFID USB Reader
6??0??7
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com