Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics AN1527 Datasheet HTML 10Page - STMicroelectronics AN1527 Datasheet HTML 11Page - STMicroelectronics AN1527 Datasheet HTML 12Page - STMicroelectronics AN1527 Datasheet HTML 13Page - STMicroelectronics AN1527 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
s
unsigned int CRD_EndTransmit(void)
This function finishes the transmission by disabling the interrupt. This function returns the re-
maining number of bytes to be transmitted.
3.3 INTERRUPT FUNCTIONS
The following two functions are executed when an interrupt occurs:
s
void INT_UART(void)
This function is used for all CRD interrupts: parity, receive, transmit, waitingtime,
voltage_error, over_current and transmit_empty.
– PARITY: A flag is set if 4 automatic retries have failed.
– WAITINGTIME: A flag is set when a counter overflow is detected.
– VOLTAGE and CURRENT: The corresponding flags are set, the corresponding interrupt is
invalidated and the VCC Card is switched OFF.
– TRANSMIT: The transmit register is loaded with the next byte to be sent. If the last byte is
sent, the interrupt is disabled and a flag is set.
– RECEIVE: This function uses a Protocol Type Flag (software) to identify the received bytes
and manage the T=0 and the T=1 special cases.
– TRANSMITEMPTY: Not used.
s
void INT_CARDDET(void)
This function will set a flag with Rebound Management (see the Time Base Unit (TBU) func-
tion).
3.4 ICC FUNCTIONS
The following functions execute a global action on the ICC.
s
unsigned char ICC_PowerOnAsync(unsigned char Voltage)
This function executes the Power-on sequence in compliance with ISO 7816 specifications for
asynchronous ICCs, including the generation of the rising edge for the reset signal. The VCC
Card voltage is either 1.8 volts, 3.0 volts or 5.0 volts depending on the value of the Voltage
variable:
– CRD_Voltage18V (for 1.8 volts)
– CRD_Voltage3V (for 3.0 volts)
– CRD_Voltage5V (for 5.0 volts)
This function returns one of the following error codes:


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
April 2014 Rev 2
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
microSD USB Reader
8/3/2016
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
SparkFun RFID USB Reader
6??0??7
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
USB Hub with Memory Card Reader/Writer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com