Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics AN1527 Datasheet HTML 10Page - STMicroelectronics AN1527 Datasheet HTML 11Page - STMicroelectronics AN1527 Datasheet HTML 12Page - STMicroelectronics AN1527 Datasheet HTML 13Page - STMicroelectronics AN1527 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
s
void CRD_StartWaitingTime(void)
This function starts the Waiting Timer. The bWaitingTimeFlag software flag is set by an inter-
rupt when the count is finished. For more information, please refer to the crd.h file.
This counter is used by the ICC level functions to determine the end of the transmission.
s
void CRD_StopWaitingTime(void)
This function stops the Waiting Timer and resets the corresponding flag.
s
void CRD_WaitingTime(unsigned long WaitingTimeInEtu)
This function creates a wait loop for WaitingTimeInEtu. The waiting time is:
– WaitingTimeInEtu * Etu
This function is used to set the VCC card stabilization delay or delays during the reset proce-
dure. The Etu value is set by the CRD_SetEtu function.
s
void CRD_InitReceive(unsigned int ReceiveBufSize, unsigned char * pBuffer)
This function will configure the CRD for reception and begin the process.
– pBuffer is the address of the buffer where the data will be copied.
– ReceiveBufSize is the size of the buffer.
If the ICC transmits more bytes than the number specified in the ReceiveBufSize variable,
data saving is stopped and a flag is set. This reception is done entirely by interrupt processing.
s
unsigned int CRD_NumberOfBytesReceived(void)
This function returns the number of bytes already received during the reception process.
s
unsigned int CRD_EndReceive(void)
This function stops the reception process and returns the number of bytes received and
copied in the buffer.
s
void CRD_InitTransmit(unsigned int TransmitBufSize, unsigned char * pBuffer)
This function configures the CRD for transmission and begins the process.
– pBuffer is the address of the buffer containing the data to be transmitted.
– TransmitBufSize is the number of bytes to be transmitted.
This transmission is entirely done by interrupt processing.
s
unsigned int CRD_NumberOfBytesToTransmit(void)
This function returns the remaining number of bytes to be transmitted.


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
   SparkFun RFID USB Reader
6??0??7
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com