Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1527 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1527
Description  DEVELOPING A USB SMARTCARD READER WITH ST7SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1527 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1527 Datasheet HTML 2Page - STMicroelectronics AN1527 Datasheet HTML 3Page - STMicroelectronics AN1527 Datasheet HTML 4Page - STMicroelectronics AN1527 Datasheet HTML 5Page - STMicroelectronics AN1527 Datasheet HTML 6Page - STMicroelectronics AN1527 Datasheet HTML 7Page - STMicroelectronics AN1527 Datasheet HTML 8Page - STMicroelectronics AN1527 Datasheet HTML 9Page - STMicroelectronics AN1527 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6/14
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
2 IFD IMPLEMENTATION
The Interface Device (IFD) implementation firmware contains one file:
– Ifd_protocol.c: This is the ISO 7816 implementation for Protocol types T=0 and T=1 and for
character, TPDU and short APDU levels.
The protocol type is also managed at the CRD level by the interrupt system for data reception
from the ICC. For this release, only the T=0 with character level has been implemented in the
current firmware.
This part has to be modified in depth to integrate the secure function and other communication
types and levels.
All the functions in this part are called by a CCID function. These functions are typically those
where the reader interprets the messages sent to/from the ICC and manages the parameters
for ICC communication (speed, type, etc....).
An IFD structure is used to save all the current parameters in compliance with CCID specifi-
cations.
The following functions are used for ICC and parameter management:
– IFD_Init(): This sets the parameter structure to the default value.
– IFD_GetParameters(): This returns the current parameters in a buffer.
– IFD_SetParameters(): This enters the new parameters in the IFD structure and programs
the CRD for use with the new configuration.
– IFD_ApplyParametersStructure(): This programs the CRD to use the configuration de-
scribed by the IFD structure.
– IFD_UpdateConvParameterStructure(): This changes the convention parameter of the
structure with the value programmed in the CRD.
– IFD_IccPowerOn(): This switches ON the VCC Card with automatic voltage selection and re-
turns the Answer to Reset (ATR) variable.
– IFD_XfrBlock(): This sends a command and receives the answer with current parameters.
– IFD_XfrCharT0(): This is given by the IFD structure. (Character level and T=0 type).
– IFD_Escape(): This is dedicated to specific communication between reader and PC. (see
CCID spec).
– IFD_SetClock(): This changes the clock state as configured in the IFD structure.


Similar Part No. - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1523 STMICROELECTRONICS-AN1523 Datasheet
382Kb / 24P
   11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
AN1526 STMICROELECTRONICS-AN1526 Datasheet
311Kb / 26P
   ST7FLITE0 QUICK REFERENCE NOTE
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
More results

Similar Description - AN1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
   Smartcard connector for testing with a smartcard
April 2014 Rev 2
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
   microSD USB Reader
8/3/2016
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
   SparkFun RFID USB Reader
6??0??7
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com